Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM-40 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

Part # PLM-40
Description  230VAC ONLY OR FULL RANGE(UP TO 295VAC)
File Size   153.45 Kbytes
Html View  1   2   3   4 
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLM-40 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.



Similar Part No. - PLM-40

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PLM-1012/2 OMEGA-PLM-1012/2 Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-106/10-P OMEGA-PLM-106/10-P Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-112/2-P OMEGA-PLM-112/2-P Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
logo
Mean Well Enterprises C...
PLM-12 MEANWELL-PLM-12 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-12E-1050 MEANWELL-PLM-12E-1050 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
More results


Similar Description - PLM-40

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC400-10XXG POWER-ONE-ABC400-10XXG Datasheet
831Kb / 13P
High efficiency up to 91% at 230VAC
logo
Mean Well Enterprises C...
HLG-150H-36B MEANWELL-HLG-150H-36B Datasheet
177Kb / 6P
Universal AC input / Full range (up to 305VAC)
logo
ATMEL Corporation
MG2RT ATMEL-MG2RT_14 Datasheet
225Kb / 13P
Full Range of Matrices with up to 480K Gates
logo
List of Unclassifed Man...
ENP7000 ETC2-ENP7000 Datasheet
278Kb / 10P
specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
logo
Mean Well Enterprises C...
GSC18E MEANWELL-GSC18E Datasheet
94Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE(UP TO 277VAC)
PLM-12 MEANWELL-PLM-12 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-25 MEANWELL-PLM-25 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
logo
ETA-USA
ETJ02SX ETA-USA-ETJ02SX Datasheet
138Kb / 2P
RANGE: Full input Range 85 to 264 VAC.
ETL02SX ETA-USA-ETL02SX Datasheet
138Kb / 2P
RANGE: Full input Range 170 to 264 VAC.
ETL24HP ETA-USA-ETL24HP Datasheet
245Kb / 2P
RANGE: Full input Range 170 to 264 VAC. Single Phase
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com