Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGU8019 Datasheet (PDF) - NXP Semiconductors

Part # BGU8019
Description  Optimized performance at a supply current of 4.6 mA
File Size   324.76 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8019 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - BGU8019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU8010 NXP-BGU8010 Datasheet
325Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-24 December 2013
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
More results


Similar Description - BGU8019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
50 mA, 24 V, 3.2-mA Supply Current
logo
STMicroelectronics
STLQ50XX STMICROELECTRONICS-STLQ50XX Datasheet
334Kb / 18P
50 mA, 3 μA supply current low drop linear regulator
14-Nov-2007
logo
Texas Instruments
LMH6703 TI-LMH6703 Datasheet
1Mb / 22P
Fast slew rate 4500 V/關s, Supply current 11 mA, Output current 90 mA
logo
Fairchild Semiconductor
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
logo
Cynergy3 Co
UF08B CYNERGY3-UF08B Datasheet
692Kb / 1P
device at a fraction of the cost of other current non-invasive systems
logo
Mallory Sonalert Produc...
PT-2130FWQ MSPI-PT-2130FWQ Datasheet
90Kb / 1P
Current Consumption Max. (mA) 12 at Rated Voltage
PT-2735FPLQ MSPI-PT-2735FPLQ Datasheet
94Kb / 1P
Current Consumption (mA/max) 10 at Rated Voltage
PT-2735FPQ MSPI-PT-2735FPQ Datasheet
89Kb / 1P
Current Consumption Max. (mA) 10 at Rated Voltage
PT-2742FWQ MSPI-PT-2742FWQ Datasheet
91Kb / 1P
Current Consumption Max. (mA) 8.0 at Rated Voltage
logo
Nisshinbo Micro Devices...
R1517X NISSHINBO-R1517X Datasheet
3Mb / 38P
500 mA 36V Input Low Supply Current LDO
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com