Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG38L Datasheet (PDF) - American Electronic Components, inc

Part # DG38L
Description  80VDC maximum switching voltage
File Size   306.2 Kbytes
Html View  1   2 
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG38L Datasheet (PDF) - American Electronic Components, inc



Similar Part No. - DG38L

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
pcb and industrial power relay
logo
Solid State Supplies.
DG38L-7011-30-1005-P674 DURAKOOL-DG38L-7011-30-1005-P674 Datasheet
799Kb / 2P
PCB & Industrial Power Relay
DG38L-7011-30-1006-P674 DURAKOOL-DG38L-7011-30-1006-P674 Datasheet
799Kb / 2P
PCB & Industrial Power Relay
DG38L-7011-30-1009-P674 DURAKOOL-DG38L-7011-30-1009-P674 Datasheet
799Kb / 2P
PCB & Industrial Power Relay
DG38L-7011-30-1012-P674 DURAKOOL-DG38L-7011-30-1012-P674 Datasheet
799Kb / 2P
PCB & Industrial Power Relay
More results


Similar Description - DG38L

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
GT-RLSAE80 LUMEX-GT-RLSAE80 Datasheet
55Kb / 1P
LIGHT DUTY LEAD ARRESTOR, 80VDC
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
Maximum Clamp Voltage
logo
Sharp Corporation
PQ1CY1032ZPH SHARP-PQ1CY1032ZPH Datasheet
164Kb / 6P
Maximum switching current: 3.5A
logo
Murata Manufacturing Co...
MHR0319SA306M70 MURATA-MHR0319SA306M70 Datasheet
153Kb / 2P
Maximum Working Voltage
MHR0319SA306G70 MURATA-MHR0319SA306G70 Datasheet
151Kb / 2P
Maximum Working Voltage
MHR0319SA305J70 MURATA-MHR0319SA305J70 Datasheet
151Kb / 2P
Maximum Working Voltage
MHR0319SA805J20 MURATA-MHR0319SA805J20 Datasheet
153Kb / 2P
Maximum Working Voltage
logo
American Electronic Com...
DG38 AEC-DG38 Datasheet
279Kb / 3P
110VDC maximum switching voltage
DG76 AEC-DG76 Datasheet
633Kb / 4P
30V maximum DC switching voltage
DG77 AEC-DG77 Datasheet
264Kb / 3P
30VDC maximum switching voltage
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com