Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1342V Datasheet (PDF) - NEC

Part # UPC1342V
Description  50 TO 110 W POWER AMPLIFIER DRIVER
File Size   237.56 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1342V Datasheet (PDF) - NEC



Similar Part No. - UPC1342V

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1313HA NEC-UPC1313HA Datasheet
1Mb / 27P
LOW NOISE DUAL PREAMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
DUAL AUDIO POWER AMPLIFIER
logo
Renesas Technology Corp
UPC1316 RENESAS-UPC1316 Datasheet
1Mb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
logo
NEC
UPC1316C NEC-UPC1316C Datasheet
1Mb / 8P
DUAL AUDIO POWER AMPLIFIER
UPC1335V NEC-UPC1335V Datasheet
182Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT-AUDIO POWER AMPLIFIER
More results


Similar Description - UPC1342V

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1298V NEC-UPC1298V Datasheet
300Kb / 9P
50 TO 80W POWER AMPLIFIER DRIVER
logo
Sanyo Semicon Device
STK400-090 SANYO-STK400-090 Datasheet
265Kb / 9P
AF Power Amplifier (Split Power Supply) (50 W 50 W 50 W min, THD = 0.4%)?
STK400-290 SANYO-STK400-290 Datasheet
536Kb / 10P
AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
logo
NXP Semiconductors
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
logo
Tyco Electronics
MAAM-007865-0P1R00 MACOM-MAAM-007865-0P1R00 Datasheet
345Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
logo
NXP Semiconductors
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
logo
NXP Semiconductors
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com