Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD50F5 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PD50F5
Description  FRD MODULE - 50A/500Vtrr:90NSEC
File Size   29.71 Kbytes
Html View  1   2 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD50F5 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PD50F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD50F2 NIEC-PD50F2 Datasheet
215Kb / 2P
50A Avg 200 Volts
logo
Kyocera Kinseki Corpota...
PD50F2 KSS-PD50F2 Datasheet
461Kb / 2P
Fast Recovery Diode
logo
Nihon Inter Electronics...
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
logo
Kyocera Kinseki Corpota...
PD50F4 KSS-PD50F4 Datasheet
459Kb / 2P
Fast Recovery Diode
logo
Nihon Inter Electronics...
PD50F6 NIEC-PD50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/ TRR : 100 NSEC
More results


Similar Description - PD50F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD50F6 NIEC-PD50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/ TRR : 100 NSEC
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
FRD MODULE
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
PC50F2 NIEC-PC50F2 Datasheet
29Kb / 2P
FRD MODULE 50A/200Vtrr:80nsec
PC50F5 NIEC-PC50F5 Datasheet
29Kb / 2P
FRD MODULE 50A/500V/trr:90nsec
PC50F6 NIEC-PC50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/trr:100nsec
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
logo
MagnaChip Semiconductor...
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
600V FRD Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com