Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-12F Datasheet (PDF) - Vishay Siliconix

Part # VS-12F
Description  Stud cathode and stud anode version
File Size   167.48 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-12F Datasheet (PDF) - Vishay Siliconix



Similar Part No. - VS-12F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-12FL VISHAY-VS-12FL Datasheet
189Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
06-Mar-17
VS-12FL VISHAY-VS-12FL Datasheet
187Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-12FLR VISHAY-VS-12FLR Datasheet
188Kb / 11P
Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-12FLR VISHAY-VS-12FLR Datasheet
188Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
Standard Recovery Diodes, (Stud Version), 12 A
11-Jan-18
More results


Similar Description - VS-12F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
FAST RECOVERY DIODES Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
logo
New Jersey Semi-Conduct...
40HFR100 NJSEMI-40HFR100 Datasheet
83Kb / 1P
anode to stud
1N2131RA NJSEMI-1N2131RA Datasheet
89Kb / 1P
anode to stud
1N3673RA NJSEMI-1N3673RA Datasheet
94Kb / 1P
Stud is Anode.
1N4054R NJSEMI-1N4054R Datasheet
83Kb / 1P
Anode to stud
logo
Vishay Siliconix
VS-85HF VISHAY-VS-85HF Datasheet
183Kb / 9P
Stud cathode and stud anode version
07-Dec-16
VS-40HF VISHAY-VS-40HF Datasheet
164Kb / 9P
Stud cathode and stud anode version
29-Jan-14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com