Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2981 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2981
Description  Micropower 100 mA Ultra Low-Dropout Regulator
File Size   406.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2981 Datasheet (PDF) - National Semiconductor (TI)



Similar Part No. - LP2981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981 TI-LP2981 Datasheet
194Kb / 12P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
267Kb / 15P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
394Kb / 16P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI1-LP2981 Datasheet
600Kb / 17P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results


Similar Description - LP2981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
Micropower 100-mA Ultralow Dropout Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com