Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC250V2-500E Datasheet (PDF) - STMicroelectronics

Part # STAC250V2-500E
Description  Operating frequency up to 27 MHz
File Size   455.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC250V2-500E Datasheet (PDF) - STMicroelectronics



Similar Part No. - STAC250V2-500E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2932B STMICROELECTRONICS-STAC2932B Datasheet
470Kb / 14P
Excellent thermal stability
27-Jan-2014
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
HF/VHF/UHF RF power N-channel MOSFETs
12-Jan-2012
STAC2932F STMICROELECTRONICS-STAC2932F Datasheet
333Kb / 14P
Excellent thermal stability
12-Jan-2012
STAC2933 STMICROELECTRONICS-STAC2933 Datasheet
270Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
HF/VHF/UHF RF power N-channel MOSFETs
27-Jan-2014
More results


Similar Description - STAC250V2-500E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
700 MHz to 2700 MHz Operating Frequency
logo
KR Electronics, Inc.
2919 KR-2919 Datasheet
49Kb / 2P
27 MHz Center Frequency
2940 KR-2940 Datasheet
69Kb / 3P
27 MHz Center Frequency
logo
Pasternack Enterprises,...
PE71S2008 PASTERNACK-PE71S2008 Datasheet
486Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
logo
Xilinx, Inc
XC9536XL XILINX-XC9536XL Datasheet
311Kb / 7P
System frequency up to 178 MHz
DS108 XILINX-DS108 Datasheet
151Kb / 5P
System frequency up to 64.5 MHz
logo
TT Electronics.
HM72E-06 TTELEC-HM72E-06 Datasheet
192Kb / 2P
Operating Frequency Up to 3MHz
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
10 to 220 MHz operating frequency range
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com