| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NB6L11
|
114Kb / 12P |
2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2 |
|
NB6L16
|
117Kb / 12P |
2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4 |
|
NB4N11M
|
223Kb / 11P |
3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1 |
|
NB4L16M
|
919Kb / 12P |
2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1 |
|
NB6L16
|
188Kb / 12P |
2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer
March, 2007 ??Rev. 6 |
|
NBSG16M
|
149Kb / 11P |
2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5 |
|
NB6L572M
|
161Kb / 9P |
2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1 |
|
NB7V585M
|
156Kb / 8P |
1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1 |
|
NB4N316M
|
159Kb / 12P |
Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6 |
|
NBSG16M
|
143Kb / 12P |
Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9 |