Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100LET Datasheet (PDF) - Cooper Bussmann, Inc.

Part # 100LET
Description  25-180A, 240 Volts
File Size   38.57 Kbytes
Html View  1   2 
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

100LET Datasheet (PDF) - Cooper Bussmann, Inc.



Similar Part No. - 100LET

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
100LET COOPER-100LET Datasheet
49Kb / 2P
Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
More results


Similar Description - 100LET

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
logo
Central Semiconductor C...
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
logo
Fairchild Semiconductor
FGA180N33ATTU FAIRCHILD-FGA180N33ATTU Datasheet
695Kb / 8P
330V, 180A PDP Trench IGBT
logo
Cooper Bussmann, Inc.
160LMT COOPER-160LMT Datasheet
40Kb / 2P
160-450A, 240 Volts
400LMMT COOPER-400LMMT Datasheet
38Kb / 2P
400-900A, 240 Volts
logo
Powerex Power Semicondu...
CP25TD1-24A POWEREX-CP25TD1-24A Datasheet
342Kb / 6P
25 Amperes/1200 Volts
logo
Rohm
RZ2L18CGN ROHM-RZ2L18CGN Datasheet
2Mb / 15P
Nch 60V 180A Power MOSFET
RX3G18BGN ROHM-RX3G18BGN Datasheet
2Mb / 14P
Nch 40V 180A Power MOSFET
logo
MacMic
MMD180S MACMIC-MMD180S Datasheet
197Kb / 3P
180A Rectifier Diode Module
logo
Shindengen Electric Mfg...
ST70-27FZ SHINDENGEN-ST70-27FZ Datasheet
1Mb / 5P
TVS 180A, 7000W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com