Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMT2301S Datasheet (PDF) - First Components International

Part # FMT2301S
Description  2.6Amps 20 Voltage P - Channel POWER MOSFET
File Size   407.13 Kbytes
Html View  1   2   3   4 
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMT2301S Datasheet (PDF) - First Components International



Similar Part No. - FMT2301S

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMT2305 FCI-FMT2305 Datasheet
400Kb / 4P
Super High Dense Cell Design for Extremely Low RDS(ON)
FMT2306 FCI-FMT2306 Datasheet
383Kb / 4P
5.3Amps 20 Voltage N Channel Enchance MOSFET
FMT2308 FCI-FMT2308 Datasheet
323Kb / 4P
3Amps 60 Voltage N - Channel POWER MOSFET
More results


Similar Description - FMT2301S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
logo
DinTek Semiconductor Co...
DTS2315 DINTEK-DTS2315 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET TrenchFET Power MOSFET
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
20 V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
CSD25202W15 20-V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
CSD25304W1015 20-V P-Channel NexFET Power MOSFET
logo
ACE Technology Co., LTD...
ACE1421M ACE-ACE1421M Datasheet
481Kb / 7P
P-Channel 20-V MOSFET
VER 1.1
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
20 V P-Channel NexFET Power MOSFET
logo
Will Semiconductor Ltd.
WPMD2010 WILLSEMI-WPMD2010 Datasheet
1Mb / 8P
Dual P-Channel, -20 V, -3.6A, Power MOSFET
logo
ON Semiconductor
NTLJS7D2P02P8Z ONSEMI-NTLJS7D2P02P8Z Datasheet
328Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -20 V
August, 2020-Rev.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com