Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1127 Datasheet (PDF) - Maxim Integrated Products

Part # MAX1127
Description  Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
File Size   1661.83 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1127 Datasheet (PDF) - Maxim Integrated Products



Similar Part No. - MAX1127

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11270 MAXIM-MAX11270 Datasheet
1Mb / 46P
Integrated PGA
Rev 0; 8/14
MAX11270 MAXIM-MAX11270 Datasheet
2Mb / 34P
Fully Assembled and Tested
Rev 0; 4/15
MAX11270EUG+ MAXIM-MAX11270EUG+ Datasheet
1Mb / 47P
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
MAX11270EVKIT MAXIM-MAX11270EVKIT Datasheet
2Mb / 34P
Fully Assembled and Tested
Rev 0; 4/15
MAX11270 MAXIM-MAX11270_V01 Datasheet
1Mb / 47P
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
More results


Similar Description - MAX1127

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com