Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBL2005 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

Part # GBL2005
Description  Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
File Size   230.51 Kbytes
Html View  1   2 
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBL2005 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH



Similar Part No. - GBL2005

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL2005 LRC-GBL2005 Datasheet
89Kb / 1P
Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
Chongqing Pingwei Enter...
GBL2005 CHONGQING-GBL2005 Datasheet
203Kb / 2P
SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
GBL2005 YANGJIE-GBL2005 Datasheet
153Kb / 4P
Bridge Rectifiers
logo
Micro Commercial Compon...
GBL2005 MCC-GBL2005 Datasheet
379Kb / 3P
2.0 Amp Glass Passivated Single-Phase Rectifiers 50 to 1000 Volts
logo
RFE international
GBL2005 RFE-GBL2005 Datasheet
2Mb / 3P
Bridge Rectifiers
1-09-2023
More results


Similar Description - GBL2005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2W005G SECOS-2W005G Datasheet
136Kb / 2P
2.0 AMP Glass Passivated Bridge Rectifiers
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
2.0 AMP Glass Passivated Bridge Rectifiers
RL201 SECOS-RL201 Datasheet
505Kb / 2P
Voltage Range 50 to 1000 V 2.0 AMP Silicon Rectifiers
GBP4005G SECOS-GBP4005G Datasheet
364Kb / 2P
VOLTAGE 50 ~ 1000 V, 4.0AMP Glass Passivated Bridge Rectifiers
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
SeCoS Halbleitertechnol...
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
logo
Micro Commercial Compon...
2KBP005 MCC-2KBP005_17 Datasheet
211Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com