Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SMDJ150CA Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

Part # 5SMDJ150CA
Description  11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
File Size   195.72 Kbytes
Html View  1   2   3   4 
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5SMDJ150CA Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH



Similar Part No. - 5SMDJ150CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5SMDJ15A SECOS-5SMDJ15A Datasheet
195Kb / 4P
5000W Peak Power Surface Mount TVS
More results


Similar Description - 5SMDJ150CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC546 SECOS-BC546 Datasheet
183Kb / 3P
Elektronische Bauelemente
BC556 SECOS-BC556 Datasheet
313Kb / 3P
Elektronische Bauelemente
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
5000W Peak Power Surface Mount TVS
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
Elektronische Bauelemente
5KP SECOS-5KP Datasheet
281Kb / 4P
Voltage 5.0V ~ 250V 5000W Peak Power TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
5000W Peak Power TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
TVS Surface Mount ??5000W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com