Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF30L50CT-A Datasheet (PDF) - Chip Integration Technology Corporation

Part # CSF30L50CT-A
Description  30A Low Barrier Diode
File Size   467.69 Kbytes
Html View  1   2   3 
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSF30L50CT-A Datasheet (PDF) - Chip Integration Technology Corporation



Similar Part No. - CSF30L50CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF30L120CT CITC-CSF30L120CT Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF30L200CT-A CITC-CSF30L200CT-A Datasheet
487Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF30L45CT-A CITC-CSF30L45CT-A Datasheet
506Kb / 3P
30A MOS Schottky Rectifier
More results


Similar Description - CSF30L50CT-A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-2306 SANKEN-FMB-2306 Datasheet
19Kb / 1P
30A Schottky barrier diode in TO220F package
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
Schottky Barrier Diode MODULE 80A/30A
TCQ30B04 NIEC-TCQ30B04 Datasheet
76Kb / 6P
Schottky Barrier Diode - 30A 40V Cathode Common
logo
Renesas Technology Corp
RJS6005WDPK RENESAS-RJS6005WDPK Datasheet
64Kb / 4P
600V - 30A - Diode SiC Schottky Barrier Diode
RJS6005WDPK RENESAS-RJS6005WDPK_15 Datasheet
68Kb / 4P
600V - 30A - Diode SiC Schottky Barrier Diode
logo
Chip Integration Techno...
CS30L60CTG-A CITC-CS30L60CTG-A Datasheet
460Kb / 3P
30A Low Barrier Diode
CST30L40CT CITC-CST30L40CT Datasheet
465Kb / 3P
30A Trench Low Barrier Diode
CST3040CT CITC-CST3040CT Datasheet
465Kb / 3P
30A Trench Low Barrier Diode
CSTF30L40CT CITC-CSTF30L40CT Datasheet
479Kb / 3P
30A Trench Low Barrier Diode
CSTF3040CT CITC-CSTF3040CT Datasheet
479Kb / 3P
30A Trench Low Barrier Diode
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com