Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJ Datasheet (PDF) - E-CMOS Corporation

Part # SMCJ
Description  Working Voltage: 5.0 to 440 V Peak Pulse Power: 1500 W
File Size   761.79 Kbytes
Html View  1   2   3   4   5 
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

SMCJ Datasheet (PDF) - E-CMOS Corporation



Similar Part No. - SMCJ

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMCJ WEITRON-SMCJ Datasheet
190Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ YANGJIE-SMCJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMCJ UNIOHM-SMCJ Datasheet
359Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
1500W Peak Power Surface Mount TVS
More results


Similar Description - SMCJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
New Jersey Semi-Conduct...
1N6389 NJSEMI-1N6389 Datasheet
130Kb / 1P
STANDOFF VOLTAGE - 5.0 TO 45.0V, 1500 WATT PEAK POWER
logo
Shenzhen Luguang Electr...
1N6267 LUGUANG-1N6267 Datasheet
191Kb / 4P
BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
logo
StarHope
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
E-CMOS Corporation
SMAJ E-CMOS-SMAJ Datasheet
818Kb / 5P
Working Voltage: 3.3 to 440 V Peak Pulse Power: 400 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
5.0SMDJ E-CMOS-5.0SMDJ Datasheet
417Kb / 5P
Working Voltage: 11 to 440 V Peak Pulse Power: 5000 W
5KP E-CMOS-5KP Datasheet
372Kb / 5P
Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com