Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE35664LF Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE35664LF
Description  CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE(LEAD FREE)
File Size   278.92 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35664LF Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE35664LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35664 PASTERNACK-PE35664 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE
PE35664-12 PASTERNACK-PE35664-12 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE
PE35664-24 PASTERNACK-PE35664-24 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE
PE35664-36 PASTERNACK-PE35664-36 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE
PE35664-48 PASTERNACK-PE35664-48 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE
More results


Similar Description - PE35664LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34733LF PASTERNACK-PE34733LF Datasheet
279Kb / 1P
CABLE ASSEMBLY PE-SR402FL 2.92mm MALE TO 2.92mm MALE(LEAD FREE)
PE34737 PASTERNACK-PE34737 Datasheet
269Kb / 1P
CABLE ASSEMBLY PE-SR405FL 2.92mm MALE TO 2.92mm MALE
PE35652LF PASTERNACK-PE35652LF Datasheet
276Kb / 1P
CABLE ASSEMBLY PE-SR405FL, 2.4mm MALE TO 2.4mm MALE(LEAD FREE)
PE35664 PASTERNACK-PE35664 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE
PE35670 PASTERNACK-PE35670 Datasheet
266Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE
PE35670LF PASTERNACK-PE35670LF Datasheet
275Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE (LEAD FREE)
PE34737LF PASTERNACK-PE34737LF Datasheet
228Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.92mm MALE TO 2.92mm MALE (LEAD FREE)
PE36529 PASTERNACK-PE36529 Datasheet
270Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 1.85mm MALE TO 2.4mm MALE
PE36529LF PASTERNACK-PE36529LF Datasheet
229Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 1.85mm MALE TO 2.4mm MALE (LEAD FREE)
PE36533LF PASTERNACK-PE36533LF Datasheet
283Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 1.85MM MALE TO 2.92MM MALE (LEAD FREE)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com