Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE35670-48 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE35670-48
Description  CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE
File Size   266.32 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35670-48 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE35670-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35670LF PASTERNACK-PE35670LF Datasheet
275Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE (LEAD FREE)
PE35670LF-12 PASTERNACK-PE35670LF-12 Datasheet
275Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE (LEAD FREE)
PE35670LF-24 PASTERNACK-PE35670LF-24 Datasheet
275Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE (LEAD FREE)
PE35670LF-36 PASTERNACK-PE35670LF-36 Datasheet
275Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE (LEAD FREE)
PE35670LF-48 PASTERNACK-PE35670LF-48 Datasheet
275Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE (LEAD FREE)
More results


Similar Description - PE35670-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34416 PASTERNACK-PE34416 Datasheet
266Kb / 1P
CABLE ASSEMBLY PE-SR405FL SMA MALE TO TNC MALE
PE35652LF PASTERNACK-PE35652LF Datasheet
276Kb / 1P
CABLE ASSEMBLY PE-SR405FL, 2.4mm MALE TO 2.4mm MALE(LEAD FREE)
PE36541 PASTERNACK-PE36541 Datasheet
270Kb / 1P
CABLE ASSEMBLY PE-SR405FL 1.85mm MALE TO SMA MALE
PE3867 PASTERNACK-PE3867 Datasheet
264Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, SMA MALE TO SMA MALE
PE35664 PASTERNACK-PE35664 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE
PE35670LF PASTERNACK-PE35670LF Datasheet
275Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO SMA MALE (LEAD FREE)
PE36529 PASTERNACK-PE36529 Datasheet
270Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 1.85mm MALE TO 2.4mm MALE
PE35652 PASTERNACK-PE35652 Datasheet
267Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.4mm MAIL
PE35658LF PASTERNACK-PE35658LF Datasheet
281Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.4mm FEMALE
PE34416LF PASTERNACK-PE34416LF Datasheet
275Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, SMA MALE TO TNC MALE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com