Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXO Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND

Part # OCXO
Description  HC-MOS output from 10 kHz up to 54 MHz
File Size   323.66 Kbytes
Html View  1   2   3 
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OCXO Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND



Similar Part No. - OCXO_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OCXO-131 ETC-OCXO-131 Datasheet
145Kb / 2P
Typical 36.3 x 27.2 x 19.1 mm.
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
OCXO-131A1 KSS-OCXO-131A1 Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
PETERMANN-TECHNIK
OCXO-14 PETERMANN-OCXO-14 Datasheet
690Kb / 3P
High reliability for low cost
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
More results


Similar Description - OCXO_16

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST2 MICRONETICS-ST2 Datasheet
90Kb / 2P
Legacy 10 kHz to 3000 MHz
logo
MICORO CRYSTAL SWITZERL...
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
From 10 kHz up to 225 MHz
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
From 10 kHz up to 155 MHz
OCXOST MICROCRYSTAL-OCXOST Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
HC-MOS output Up to 54 MHz Tight stability
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
From 10 kHz up to 225 MHz
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
HC-MOS output Up to 54 MHz Tight stability
SCOCXOH MICROCRYSTAL-SCOCXOH_17 Datasheet
329Kb / 3P
HC-MOS output 10 to 120 MHz
SCOCXOS MICROCRYSTAL-SCOCXOS_16 Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com