Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1528 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE1528
Description  11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
File Size   349.25 Kbytes
Html View  1   2   3 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1528 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE1528

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1520 PASTERNACK-PE1520 Datasheet
390Kb / 2P
Low Noise Amplifier 2 ??4 GHz
logo
SHENZHEN DOINGTER SEMIC...
PE1520 DOINGTER-PE1520 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Pasternack Enterprises,...
PE1521 PASTERNACK-PE1521 Datasheet
391Kb / 2P
Low Noise Amplifier 2 ??6 GHz
PE1522 PASTERNACK-PE1522 Datasheet
202Kb / 2P
Low Noise Amplifier 4 ??8 GHz
PE1523 PASTERNACK-PE1523 Datasheet
342Kb / 2P
Low Noise Amplifier 6 ??18 GHz
More results


Similar Description - PE1528

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4002 PASTERNACK-PE15A4002 Datasheet
481Kb / 6P
Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4005 PASTERNACK-PE15A4005 Datasheet
468Kb / 6P
Amplifier, 33 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
PE15A1017 PASTERNACK-PE15A1017 Datasheet
429Kb / 6P
35 dBm IP3, 2 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 14.5 dB Gain, SMA
PE15A1018 PASTERNACK-PE15A1018 Datasheet
431Kb / 6P
34 dBm IP3, 2.6 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 29 dB Gain, SMA
PE15A3269 PASTERNACK-PE15A3269 Datasheet
398Kb / 4P
3 dB NF, 14.5 dBm P1dB, 10 MHz to 6 GHz, Low Noise Broadband Amplifier, 34 dB Gain, 25.5 dBm IP3, SMA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com