Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE236 Datasheet (PDF) - NTE Electronics

Part # NTE236
Description  Silicon NPN Transistor Final RF Power Output (PO = 16W, 27MHz, SSB)
File Size   21.91 Kbytes
Html View  1   2 
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE236 Datasheet (PDF) - NTE Electronics



Similar Part No. - NTE236

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2360 NTE-NTE2360 Datasheet
24Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In 47k Bias Resistors
NTE2361 NTE-NTE2361 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Speed Switch
NTE2362 NTE-NTE2362 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Speed Switch
NTE2363 NTE-NTE2363 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Current General Purpose Amp/Switch
NTE2364 NTE-NTE2364 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Current General Purpose Amp/Switch
More results


Similar Description - NTE236

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE235 NTE-NTE235 Datasheet
20Kb / 2P
Silicon NPN Transistor Final RF Power Output
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
logo
List of Unclassifed Man...
2SC1306 ETC-2SC1306 Datasheet
10Kb / 2P
Silicon NPN Transistor Final RF Power Output
logo
NTE Electronics
NTE224 NTE-NTE224 Datasheet
55Kb / 2P
Silicon NPN Transistor Final RF Power Output for CB PO = 4W, 50MHz
logo
New Jersey Semi-Conduct...
2SC2166 NJSEMI-2SC2166 Datasheet
92Kb / 1P
Silicon NPN Transistor Final RF Power Output
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com