Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4301 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4301
Description  Double Banana Plug Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4301 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4301 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4301 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4301 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Double Banana Plug Connector
• Straight Body Geometry
• PE-C195, PE-P195, RG58, RG141, RG303, LMR-
195, .195 inch Interface Type
• Crimp/Solder Attachment
Features
• Nickel Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4301 Double Banana plug connector with crimp/solder attachment for PE-C195, PE-P195, RG58, RG141,
RG303, LMR-195 and .195 inch is part of our full line of RF components available for same-day shipping.
Our Double Banana plug connector PE4301 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Width/Dia.
1.175 in [29.85 mm]
.
Weight
0.041 lbs [18.6 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Nickel
Insulation
ABS
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Double Banana Plug Connector Crimp/Solder Attachment for PE-C195, PE-P195, RG58,
RG141, RG303, LMR-195, .195 inch PE4301
PE4301 REV 1.1
Double Banana Plug Connector Crimp/Solder Attachment for
PE-C195, PE-P195, RG58, RG141, RG303, LMR-195, .195 inch
RF Connectors Technical Data Sheet
PE4301


Similar Part No. - PE4301

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4301 PASTERNACK-PE4301 Datasheet
247Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG58
More results

Similar Description - PE4301

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44145 PASTERNACK-PE44145 Datasheet
267Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4301 PASTERNACK-PE4301 Datasheet
247Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG58
PE4089 PASTERNACK-PE4089 Datasheet
94Kb / 1P
Double BANANA PLUG CRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE4552 PASTERNACK-PE4552_16 Datasheet
365Kb / 4P
MCX Plug Connector Crimp/Solder Attachment
PE4046 PASTERNACK-PE4046_16 Datasheet
358Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE4074 PASTERNACK-PE4074_16 Datasheet
399Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4080 PASTERNACK-PE4080_16 Datasheet
397Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE4194 PASTERNACK-PE4194_16 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4349 PASTERNACK-PE4349_16 Datasheet
356Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com