Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD888 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD888
Description  HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD888 Datasheet(HTML) 2 Page - STMicroelectronics

  STD888 Datasheet HTML 1Page - STMicroelectronics STD888 Datasheet HTML 2Page - STMicroelectronics STD888 Datasheet HTML 3Page - STMicroelectronics STD888 Datasheet HTML 4Page - STMicroelectronics STD888 Datasheet HTML 5Page - STMicroelectronics STD888 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
• Thermal Resistance Junction-Case
Max
8.33
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -30 V
VCB = -30 V
Tj = 100
oC
-10
-1
nA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -6 V
-10
nA
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -10 mA
-30
V
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = -100
µA
-60
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = -100
µA
-6
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -500 mA
IB = -5 mA
IC = -2 A
IB = -50 mA
IC = -5 A
IB = -250 mA
IC = -6 A
IB = -250 mA
IC = -8 A
IB = -400 mA
IC = -10 A
IB = -500 mA
-0.15
-0.25
-0.70
-0.70
-1
-1.5
V
V
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = -2 A
IB = -50 mA
IC = -6 A
IB = -250 mA
-1.1
-1.4
V
V
hFE
DC Current Gain
IC = -10 mA
VCE = -1 V
IC = -500 mA
VCE = -1 V
IC = -5 A
VCE = -1 V
IC = -5 A
VCE = -1V
Tj = 100
oC
IC = -8 A
VCE = -1 V
IC = -10 A
VCE = -1 V
150
150
75
75
40
15
200
200
100
100
55
35
300
td
tr
ts
tf
RESISTIVE LOAD
Delay Time
RiseTime
StorageTime
Fall Time
IC = -3 A
IB1 = - IB2 = -60 mA
VCC = -20 V
(see figure 1)
180
160
250
80
220
210
300
100
ns
ns
ns
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1.5 %
STD888
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com