Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4323 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4323
Description  LC Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4323 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4323 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4323 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4323 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• LC Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG218, RG219, RG17 Interface Type
• Clamp/Solder Attachment
• 1 1/2 inch Hex
Features
• Max. Operating Frequency 1,000 MHz
• Silver Plated Beryllium Copper Contact
• Contact plating according to ASTM-B700
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4323 LC male connector with clamp/solder attachment for RG218, RG219 and RG17 is part of our full line of
RF components available for same-day shipping. Our LC male connector operates up to a maximum frequency of 1,000 MHz.
Our LC male connector PE4323 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
Operating Voltage (AC)
5,000
Vrms
Dielectric Withstanding Voltage (AC)
5,000
Vrms
.
Mechanical Specifications
Size
Length
3.95 in [100.33 mm]
Width/Dia.
1.5 in [38.10 mm]
.
Weight
0.84 lbs [381.02 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: LC Male Connector Clamp/Solder Attachment for RG218, RG219, RG17 PE4323
PE4323 REV 1.1
LC Male Connector Clamp/Solder Attachment
for RG218, RG219, RG17
RF Connectors Technical Data Sheet
PE4323


Similar Part No. - PE4323

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4323 PASTERNACK-PE4323 Datasheet
351Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG218, RG219
More results

Similar Description - PE4323

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4323 PASTERNACK-PE4323 Datasheet
351Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG218, RG219
PE4563 PASTERNACK-PE4563 Datasheet
215Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG14, RG217
PE44449 PASTERNACK-PE44449 Datasheet
222Kb / 3P
LC Male Right Angle Connector Clamp - Solder Attachment For RG218
PE4563 PASTERNACK-PE4563_16 Datasheet
318Kb / 3P
LC Male Connector Clamp/Solder Attachment
PE4564 PASTERNACK-PE4564_16 Datasheet
403Kb / 3P
LC Male Connector Clamp/Solder Attachment
PE4565 PASTERNACK-PE4565_16 Datasheet
333Kb / 3P
LC Male Connector Clamp/Solder Attachment
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4027 PASTERNACK-PE4027_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4084 PASTERNACK-PE4084_16 Datasheet
392Kb / 4P
BNC Male Connector Clamp/Solder Attachment
PE4434 PASTERNACK-PE4434_14 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com