Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHT3LR60C Datasheet(PDF) 5 Page - Inolux Corporation

Part # HHT3LR60C
Description  3mm Round Lamp with Triple Level Housing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HHT3LR60C Datasheet(HTML) 5 Page - Inolux Corporation

  HHT3LR60C Datasheet HTML 1Page - Inolux Corporation HHT3LR60C Datasheet HTML 2Page - Inolux Corporation HHT3LR60C Datasheet HTML 3Page - Inolux Corporation HHT3LR60C Datasheet HTML 4Page - Inolux Corporation HHT3LR60C Datasheet HTML 5Page - Inolux Corporation HHT3LR60C Datasheet HTML 6Page - Inolux Corporation HHT3LR60C Datasheet HTML 7Page - Inolux Corporation HHT3LR60C Datasheet HTML 8Page - Inolux Corporation HHT3LR60C Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HHT3XX60C Series
3mm Round Lamp
Triple Level Housing
Official Product
HHT3XX60C Series
Customer Part No.
Data Sheet No.
****************
****************
HHT3XX60C Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 28, 2013
Version of 1.0
Page
5/10
Absolute Maximum Ratings at Ta=25C
Parameter
Symbol
GaP/GaAsP Material
Unit
Power Dissipation
Pd
78
mW
Reverse Voltage
Vr
5
V
Forward Current
IF
30
mA
Reverse Current
Ir
10
µA
Peak Current ( 1/10 Duty Cycle,
0.1ms pulse width )
IF (Peak)
100
mA
Operating Temperature Range
Topr
-40 to +80
° C
Storage Temperature Range
Tstg
-40 to +85
° C
Lead Soldering Temp
Tsol
260
° C
Electrical and Optical Characteristic ( @ 25 degree C )
Parameter
Amber
Yellow
Green
Yellow
Ultra Red Test Condition
Luminous Intensity:
Min (mcd)
Typ (mcd)
30
20
20
3
If=20mA
50
32
32
5
If=20mA
Forward voltage (Vf)
Typ
Max
2.0
2.2
2.2
2.2
If=20mA
2.6
2.6
2.6
2.6
If=20mA
Dominant Wavelength (nm)
605
570
590
700
If=20mA
Viewing angle
60
60
60
60
If=20mA
- Brightness tolerance = +/- 10%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com