Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1R06RL
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06RL Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1R06RL Datasheet HTML 1Page - STMicroelectronics STTH1R06RL Datasheet HTML 2Page - STMicroelectronics STTH1R06RL Datasheet HTML 3Page - STMicroelectronics STTH1R06RL Datasheet HTML 4Page - STMicroelectronics STTH1R06RL Datasheet HTML 5Page - STMicroelectronics STTH1R06RL Datasheet HTML 6Page - STMicroelectronics STTH1R06RL Datasheet HTML 7Page - STMicroelectronics STTH1R06RL Datasheet HTML 8Page - STMicroelectronics STTH1R06RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH1R06
5/9
Figure
13:
Junction
capacitance
versus
reverse voltage applied (typical values)
Figure 14: Thermal resistance junction to
ambient versus copper surface under each
lead (epoxy FR4, eCU=35µm) (DO-41, SMB)
Figure 15: Thermal resistance junction to
ambient versus copper surface under each
lead (epoxy FR4, eCU=35µm) (SMA)
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
j
0
10
20
30
40
50
60
70
80
90
100
110
01234
56789
10
R
(°C/W)
th(j-a)
S(cm²)
DO-41
Lleads = 10mm
SMB
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S(cm²)
SMA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com