Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT7002K Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT7002K
Description  N-Channel Enhancement Mode FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT7002K Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT7002K Datasheet HTML 1Page - Diotec Semiconductor MMBT7002K Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT7002K
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
Drain-Source breakdown voltage – Drain-Source-Durchbruchspannung
ID = 10 µA
BVDSS
60 V
–
–
Drain-Source leakage current – Drain-Source Leckstrom
VDS = 60 V, VGS = 0 V
IDSS
–
–
1 µA
Gate-Source leakage current – Gate-Source Leckstrom
VGS = 20 V
±IGSS
–
–
10 µA
Gate-Threshold voltage – Gate-Source Schwellspannung
VGS = VDS, ID = 250 µA
VGS(th)
1 V
–
2.5 V
Drain-Source on-state resistance – Drain-Source Einschaltwiderstand
VGS = 10 V, ID = 500 mA
VGS = 4.5 V, ID = 200 mA
RDS(on)
–
–
3 Ω
4 Ω
Forward Transconductance – Übertragungssteilheit
VDS ≥ 10 VDS(on), ID = 200 mA
gFS
80 mS
–
–
Input Capacitance – Eingangskapazität
VDS = 25 V, f = 1 MHz
Ciss
–
50 pF
–
Output Capacitance – Ausgangskapazität
VDS = 25 V, f = 1 MHz
Coss
–
25 pF
–
Reverse Transfer Capacitance – Rückwirkungskapazität
VDS = 25 V, f = 1 MHz
Crss
–
5 pF
–
Turn-On Time – Einschaltzeit
VDD= 30 V, RL= 150 Ω, ID= 0.2 A, VGS= 10 V, RG= 25 Ω
ton
–
20 ns
–
Turn-Off Delay Time – Ausschaltverzögerung
VDD= 30 V, RL= 150 Ω, ID= 0.2 A, VGS= 10 V, RG= 25 Ω
toff
–
20 ns
–
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com