Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD974 Datasheet(PDF) 21 Page - Analog Devices

Part # AD974
Description  4-Channel, 16-Bit, 200 kSPS Data Acquisition System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD974 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD974 Datasheet HTML 13Page - Analog Devices AD974 Datasheet HTML 14Page - Analog Devices AD974 Datasheet HTML 15Page - Analog Devices AD974 Datasheet HTML 16Page - Analog Devices AD974 Datasheet HTML 17Page - Analog Devices AD974 Datasheet HTML 18Page - Analog Devices AD974 Datasheet HTML 19Page - Analog Devices AD974 Datasheet HTML 20Page - Analog Devices AD974 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
REV. A
AD974
–20–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead 300 Mil Plastic DIP
(N-28B)
28
1
14
15
PIN 1
1.425 (38.195)
1.385 (35.179)
0.280 (7.11)
0.240 (6.10)
0.325 (8.25)
0.300 (7.62)
0.195 (4.95)
0.115 (2.93)
0.014 (0.356)
0.008 (0.204)
SEATING
PLANE
0.150 (3.81)
0.115 (2.92)
0.022 (0.558)
0.014 (0.356)
0.070 (1.77)
0.045 (1.15)
0.015 (0.381)
MIN
0.100 (2.54)
BSC
0.210
(5.33)
MAX
28-Lead Wide Body (SOIC)
(R-28)
0.0192 (0.49)
0.0138 (0.35)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.7125 (18.10)
0.6969 (17.70)
PIN 1
28
15
14
1
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8°
0°
0.0291 (0.74)
0.0098 (0.25)
x 45°
28-Lead Shrink Small Outline Package (SSOP)
(RS-28)
8°
0°
0.009 (0.229)
0.005 (0.127)
0.03 (0.762)
0.022 (0.558)
SEATING
PLANE
0.008 (0.203)
0.002 (0.050)
0.07 (1.79)
0.066 (1.67)
0.0256
(0.65)
BSC
0.078 (1.98)
0.068 (1.73)
0.015 (0.38)
0.010 (0.25)
28
15
14
1
0.407 (10.34)
0.397 (10.08)
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com