Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7707 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7707 Datasheet HTML 12Page - Analog Devices AD7707 Datasheet HTML 13Page - Analog Devices AD7707 Datasheet HTML 14Page - Analog Devices AD7707 Datasheet HTML 15Page - Analog Devices AD7707 Datasheet HTML 16Page - Analog Devices AD7707 Datasheet HTML 17Page - Analog Devices AD7707 Datasheet HTML 18Page - Analog Devices AD7707 Datasheet HTML 19Page - Analog Devices AD7707 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
AD7707
Rev. B | Page 15 of 52
OUTPUT NOISE FOR LOW LEVEL INPUT
CHANNELS (3 V OPERATION)
Table 9 shows the AD7707 output rms noise and peak-to-peak
resolution in unbuffered mode for the selectable notch and
−3 dB frequencies for the part, as selected by FS0, FS1, and FS2
of the clock register. The numbers given are for the bipolar
input ranges with a VREF of 1.225 V and an AVDD = 3 V. These
numbers are typical and are generated at an analog input
voltage of 0 V. Table 10 shows the rms noise and peak-to-peak
resolution when operating in buffered mode. It is important to
note that the peak-to-peak numbers represent the resolution for
which there is no code flicker. They are not calculated based on
rms noise but on peak-to-peak noise. The numbers given are
for bipolar input ranges with a VREF of 1.225 V and for either
buffered or unbuffered mode. These numbers are typical and
are rounded to the nearest LSB. The numbers apply for the
CLKDIV bit of the clock register set to 0. The output noise
comes from two sources. The first is the electrical noise in the
semiconductor devices (device noise) used in the implementa-
tion of the modulator. Secondly, when the analog input is
converted into the digital domain, quantization noise is added.
The device noise is at a low level and is independent of fre-
quency. The quantization noise starts at an even lower level but
rises rapidly with increasing frequency to become the dominant
noise source. The numbers in Table 9 and Table 10 are given
for the bipolar input ranges. For the unipolar ranges, the rms
noise numbers are the same as the bipolar range but the peak-
to-peak resolution is now based on half the signal range, which
effectively means losing 1 bit of resolution.
Table 9. Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ 3 V AIN1 and AIN2 Unbuffered Mode Only
Filter First Notch
and Output Data
Rate
−3 dB
Frequency
Typical Output RMS Noise in μV (Peak-to-Peak Resolution in Bits)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
1.60 (16)
0.8 (16)
0.48 (16)
0.29 (16)
0.29 (16)
0.27 (15.5)
0.26 (14.5)
0.26 (13.5)
50 Hz
13.1 Hz
3.8 (16)
1.9 (16)
1.1 (16)
0.64 (16)
0.60 (15.5)
0.6 (14.5)
0.6 (13.5)
0.6 (12.5)
60 Hz
15.72 Hz
4.4 (16)
2.2 (16)
1.35 (16)
0.78 (16)
0.7 (15)
0.68 (14.5)
0.64 (13.5)
0.64 (12.5)
250 Hz
65.5 Hz
53 (13)
24 (13)
15 (13)
6.8 (13)
3.6 (12.5)
2.1 (12.5)
1.5 (12)
1.3 (11)
500 Hz
131 Hz
300 (10.5)
138 (10.5)
80 (10.5)
34 (10.5)
18 (10.5)
8.7 (10.5)
4.8 (10)
3.4 (10)
MCLK IN = 1 MHz
4.05 Hz
1.06 Hz
1.56 (16)
0.88 (16)
0.52 (16)
0.3 (16)
0.28 (16)
0.27 (15.5)
0.27 (14.5)
0.26 (13.5)
20 Hz
5.24 Hz
3.85 (16)
2.02 (16)
1.15 (16)
0.74 (16)
0.63 (15.5)
0.57 (14.5)
0.61 (13.5)
0.58 (12.5)
25 Hz
6.55 Hz
4.56 (16)
2.4 (16)
1.4 (16)
0.79 (16)
0.68 (15)
0.66 (14.5)
0.64 (13.5)
0.64 (12.5)
100 Hz
26.2 Hz
45.7 (13)
22 (13)
13.7 (13)
5.27 (13)
2.64 (13)
2 (12.5)
1.59 (12)
1.4 (11)
200 Hz
52.4 Hz
262 (10.5)
125 (10.5)
66 (10.5)
32.4 (10.5)
18.4 (10.5)
8.6 (10.5)
4.64 (10.5)
3.3 (10)
Table 10. Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ 3 V AIN1 and AIN2 Buffered Mode Only
Filter First Notch
and Output Data
Rate
−3 dB
Frequency
Typical Output RMS Noise in μV (Peak-to-Peak Resolution in Bits)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
1.80 (16)
1 (16)
0.7 (16)
0.41 (16)
0.41 (16)
0.41 (15)
0.41 (14)
0.41 (13)
50 Hz
13.1 Hz
4.1 (16)
2.4 (16)
1.5 (16)
1 (15.5)
0.91 (15)
0.89 (14)
0.86 (13)
0.83 (12)
60 Hz
15.72 Hz
5.1 (16)
3 (16)
1.8 (16)
1.1 (15.5)
0.94 (14.5)
0.94 (13.5)
0.99 (13)
0.99 (11.5)
250 Hz
65.5 Hz
50 (13)
27 (13)
12.3 (13)
6.4 (13)
4 (12.5)
2.7 (12.5)
2.2 (11.5)
1.8 (11)
500 Hz
131 Hz
275 (10.5)
125 (10.5)
80 (10.5)
39 (10.5)
16 (10.5)
8.9 (10.5)
5.2 (10)
4.2 (9.5)
MCLK IN = 1 MHz
4.05 Hz
1.06 Hz
1.75 (16)
1.18 (16)
0.67 (16)
0.44 (16)
0.41 (16)
0.44 (15)
0.43 (14)
0.43 (13)
20 Hz
5.24 Hz
4.21 (16)
2.5 (16)
1.48 (16)
1 (15.5)
0.94 (15)
0.96 (14)
0.89 (13)
0.86 (12)
25 Hz
6.55 Hz
5.15 (16)
2.8 (16)
1.8 (16)
1.15 (15.5)
1 (14.5)
1.02 (13.5)
0.96 (13)
1.03 (11.5)
100 Hz
26.2 Hz
46.1 (13)
24.3 (13)
13.6 (13)
6.71 (13)
4.1 (12.5)
2.54 (12.5)
2.3 (11.5)
2.15 (10.5)
200 Hz
52.4 Hz
282 (10.5)
123 (10.5)
66 (10.5)
35.3 (10.5)
14.8 (10.5)
9.91 (10.5)
5.48 (10)
4.01 (9.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com