Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7729 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7729
Description  Dual Sigma-Delta ADC with Auxiliary DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7729 Datasheet HTML 9Page - Analog Devices AD7729 Datasheet HTML 10Page - Analog Devices AD7729 Datasheet HTML 11Page - Analog Devices AD7729 Datasheet HTML 12Page - Analog Devices AD7729 Datasheet HTML 13Page - Analog Devices AD7729 Datasheet HTML 14Page - Analog Devices AD7729 Datasheet HTML 15Page - Analog Devices AD7729 Datasheet HTML 16Page - Analog Devices AD7729 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD7729
–15–
REV. 0
ADSP-21xx
DR
RFS
SCLK
TFS
DT
AD7729
SDO
SDOFS
SCLK
SDIFS
SDI
Figure 21. AD7729 to ADSP-21xx Interface
AD7729-to-TMS320C5x Interface
Figure 22 shows the interface between the AD7729 and the
TMS320C5x DSP. The TMS320C5x is configured as follows:
MCM = 0 (CLKX is an input), TXM = 1 (the transmit frame
sync signal is generated by the DSP), FSM = 1 (a frame sync is
required for each transfer), FO = 0 (16-bit word length).
TMS320C5x
DR
FSR
CLKX
FSX
DX
AD7729
SDO
SDOFS
SCLK
SDIFS
SDI
CLKR
Figure 22. AD7729 to TMS320C5x Interface
Power-Down
Each section of the AD7729 can be powered down. The Rx
ADCs and the auxiliary DAC can be powered down individually
by setting the appropriate bits in the control registers. When
each section is powered up, time must be allowed so that the
analog and digital circuitry can settle and, also, time is needed
for the reference REFCAP to power up. To reduce this power-
up time, Bit LP can be set to 1 so that when the ADCs and
DAC are powered down, the reference REFCAP remains pow-
ered up by setting Bit LP to 1. Therefore, because the reference
is powered up, the time needed for circuitry to settle when a
section is powered up is reduced considerably since the refer-
ence does not require time to power up and settle.
When all sections of the AD7729 are powered down, including
the reference, the MCLK is stopped after 64 clock periods fol-
lowing the detection of the low power state. The MCLK reacti-
vates when the AD7729 is communicated with, i.e., the SPORTs
are activated, RxON is taken high, etc.
Grounding and Layout
Since the analog inputs to the AD7729 are differential, most of
the voltages in the analog modulator are common-mode volt-
ages. The excellent Common-Mode Rejection of the part will
remove common-mode noise on these inputs. The analog and
digital supplies of the AD7729 are independent and separately
pinned out to minimize coupling between analog and digital
sections of the device. The digital filters following the ADCs will
provide rejection of broadband noise on the power supplies,
except at integer multiples of the modulator sampling frequency.
The digital filters also remove noise from the analog inputs
provided the noise source does not saturate the analog modula-
tor. However, because the resolution of the AD7729 ADCs is
high and the noise levels from the AD7729 are so low, care
must be taken with regard to grounding and layout.
The printed circuit board that houses the AD7729 should be
designed so that the analog and digital sections are separated
and confined to certain sections of the board. This facilitates the
use of ground planes that can be easily separated. A minimum
etch technique is generally best for ground planes as it gives the
best shielding. Digital and analog ground planes should only be
joined in one place. If the AD7729 is the only device requiring
an AGND-to-DGND connection, the ground planes should be
connected at the AGND-and-DGND pins of the AD7729. If
the AD7729 is in a system where multiple devices require AGND-
to-DGND connections, the connection should still be made at
one point only, a star ground point that should be established as
close as possible to the AD7729.
Avoid running digital lines under the device as these will couple
noise onto the die. The analog ground plane should be allowed
to run under the AD7729 to avoid noise coupling. The power
supply lines to the AD7729 should use as large a trace as pos-
sible to provide low impedance paths and reduce the effects of
glitches on the power supply lines. Fast switching signals like
clocks should be shielded with digital ground to avoid radiating
noise to other sections of the board and clock signals should
never be run near the analog inputs. Traces on opposite sides of
the board should run at right angles to each other. This will
reduce the effects of feedthrough through the board. A microstrip
technique is by far the best but is not always possible with a
double-sided board. In this technique, the component side of
the board is dedicated to ground planes while signals are placed
on the other side.
Good decoupling is important when using high speed devices.
All analog and digital supplies should be decoupled to AGND
and DGND respectively with 0.1
µF ceramic capacitors in paral-
lel with 10
µF tantalum capacitors. To achieve the best from
these decoupling capacitors, they should be placed as close as
possible to the device, ideally right up against the device. In
systems where a common supply voltage is used to drive both
the AVDD and DVDD of the AD7729, it is recommended that
the system’s AVDD supply be used. This supply should have
the recommended analog supply decoupling between the AVDD
pins of the AD7729 and AGND and the recommended digital
supply decoupling capacitors between the DVDD pins and
DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com