Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7729AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD7729AR
Description  Dual Sigma-Delta ADC with Auxiliary DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7729AR Datasheet HTML 9Page - Analog Devices AD7729AR Datasheet HTML 10Page - Analog Devices AD7729AR Datasheet HTML 11Page - Analog Devices AD7729AR Datasheet HTML 12Page - Analog Devices AD7729AR Datasheet HTML 13Page - Analog Devices AD7729AR Datasheet HTML 14Page - Analog Devices AD7729AR Datasheet HTML 15Page - Analog Devices AD7729AR Datasheet HTML 16Page - Analog Devices AD7729AR Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AD7729
–12–
REV. 0
Figure 18 shows a flow diagram for calibration of the receive
section.
TSETTLE
RxDELAY1
10
CONNECT ADC INPUTS
SHORT ADC INPUTS
TSETTLE
RxDELAY1
TCALIBRATE
RxON
0
1
10
RxDELAY2
RESETS TO ZERO
CAN HAVE A VALUE
OF 0...255
48 MCLKs
COUNTER RESETS TO 36
(36
48 MCLKs) TO ALLOW
FOR FILTER SETTLING TIME
40
48 MCLK
RxREADY
RESETS TO ZERO. CAN HAVE A
VALUE OF 0...255
48 MCLKs
RxAUTOCAL
RxEXTCAL
Figure 18. Receive Offset Adjust
Auxiliary Control Functions
The AD7729 also contains an auxiliary DAC that may be used
for AGC. This 10-bit DAC consists of high impedance current
sources, designed to operate at very low currents while main-
taining its dc accuracy. The DAC is buffered by an output am-
plifier and allows a load of 10 k
Ω.
The DAC has a specified output range of 2
× V
REFCAP /32 to 2
×
VREFCAP. The analog output is:
2 VREFCAP/32 + (2 VREFCAP – 2 VREFCAP/32)
× DAC/1023
where DAC is the 10-bit digital word loaded into the DAC
register.
To perform a conversion, the DAC is first powered up using the
AUXDACON bit in control register ACRA. After power-up,
10
µs are required for the AUXDAC circuitry to settle. The
AUXDAC is loaded by writing to register AUXDAC. When
the AUXDAC is in power-down mode, the AUXDAC register
will retain its contents. When the AUXDAC is reset, the
AUXDAC register will be set to all zeroes, leading to a voltage
of 2
× V
REFCAP/32 on the analog output.
Voltage Reference
The reference of the AD7729, REFCAP, is a bandgap reference
which provides a low noise, temperature compensated reference
to the IQ receive ADCs and the AUXDAC. The reference is
also made available on the REFOUT pin. The reference has a
value of 1.3 V nominal.
When the AD7729 is powered down, the reference can also be
powered down. Alternatively, by setting bit LP to 1, the refer-
ence remains powered up. This is useful as the power-up time
for the receive section and auxiliary converter is reduced since
the reference does not require time to power up and settle.
Baseband and Auxiliary Serial Ports (BSPORT and ASPORT)
Both the baseband and auxiliary SPORTs are DSP compatible
serial ports which provide access to the 27 on-chip registers as
illustrated in Table IV.
Since some registers are accessible over both the auxiliary and
baseband SPORTs, the user can decide which registers will be
accessible over which SPORT, this feature providing maximum
flexibility for the system designer. The user also has the ability
to adjust the frequency of the SCLKs in each SPORT, which is
useful for power dissipation minimization. Furthermore, it is
possible for the user to access all the ADC and AUXDAC con-
trol registers over one SPORT, the other SPORT being disabled
by tying its serial port enable (SE) low. This feature is useful
when the user has only one SPORT available for communica-
tion with the AD7729.
Resetting the AD7729
The pin RESETB resets all the control registers. All registers
except ASCLKRATE and BSCLKRATE are reset to zero. On
reset, ASCLKRATE and BSCLKRATE are set to 4 so that the
frequency of ASCLK and BSCLK is MCLK/8. As well as reset-
ting the control registers using the reset pin, these registers can
be reset using the reset bits in the baseband and auxiliary regis-
ters. All the auxiliary registers can be reset by taking the bit
ARESET in control register ACRB high. The baseband registers
can be reset by taking bit BRESET in baseband control register
BCRA high. This is illustrated in Table IV. After resetting, the
bits ARESET and BRESET will reset to zero. A reset using
ARESET or BRESET requires 4 MCLK cycles. The registers
ARDADDR, BRDADDR, ASCLKRATE, and BSCLKRATE
can only be reset using the reset pin RESETB—these registers
cannot be reset using the above mentioned bits. A system reset
(using BRESET) requires eight MCLK cycles.
The functions of the control register bits are summarized in
Table IV to Table X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com