Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7856ARS Datasheet(PDF) 23 Page - Analog Devices

Part # AD7856ARS
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856ARS Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7856ARS Datasheet HTML 19Page - Analog Devices AD7856ARS Datasheet HTML 20Page - Analog Devices AD7856ARS Datasheet HTML 21Page - Analog Devices AD7856ARS Datasheet HTML 22Page - Analog Devices AD7856ARS Datasheet HTML 23Page - Analog Devices AD7856ARS Datasheet HTML 24Page - Analog Devices AD7856ARS Datasheet HTML 25Page - Analog Devices AD7856ARS Datasheet HTML 26Page - Analog Devices AD7856ARS Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AD7856
–22–
REV. A
is initiated. Typical figures are given in Table VIII. The timing
diagrams for the other self-calibration options will be similar to
that outlined in Figure 25.
t1 = 100ns MIN,
t15 = 2.5 tCLKIN MAX,
tCAL = 250026 tCLKIN
CAL (I/P)
BUSY (O/P)
t1
t15
tCAL
Figure 25. Timing Diagram for Full-Self Calibration
System Calibration Description
System calibration allows the user to take out system errors
external to the AD7856 as well as calibrate the errors of the
AD7856 itself. The maximum calibration range specified for the
system offset errors is
±3.75% of V
REF but typically is ± 5% and
for the system gain errors is
±1.875% of V
REF. Therefore, under
worst case conditions the maximum allowable system offset
voltage applied between AIN(+) and AIN(–) would be
±0.0375
× V
REF, but under typical conditions this means that the maxi-
mum allowable system offset voltage applied between the AIN(+)
and AIN(–) pins for the calibration to adjust out this error is
±0.05
× V
REF (i.e., the AIN(+) can be 0.05
× V
REF above AIN(–)
or 0.05
× V
REF below AIN(–)). For the System gain error the
maximum allowable system full-scale voltage that can be applied
between AIN(+) and AIN(–) for the calibration to adjust out
this error is VREF
± 0.01875
× V
REF (i.e., the AIN(+) can be VREF
+ 0.01875
× V
REF above AIN(–) or VREF – 0.01875 × VREF above
AIN(–)). If the system offset or system gain errors are outside
the ranges mentioned the system calibration algorithm will
reduce the errors as much as the trim range allows.
Figures 26 through 28 illustrate why a specific type of system
calibration might be used. Figure 26 shows a system offset cali-
bration (assuming a positive offset) where the analog input
range has been shifted upward by the system offset after the
system offset calibration is completed. A negative offset may
also be accounted for by a system offset calibration.
SYSTEM OFFSET
CALIBRATION
SYS OFFSET
VREF – 1LSB
AGND
MAX SYSTEM OFFSET
IS
5% OF VREF
MAX SYSTEM FULL SCALE
IS
1.875% FROM VREF
ANALOG
INPUT
RANGE
VREF – 1LSB
ANALOG
INPUT
RANGE
SYS OFFSET
AGND
MAX SYSTEM OFFSET
IS
5% OF VREF
VREF + SYS OFFSET
Figure 26. System Offset Calibration
Figure 27 shows a system gain calibration (assuming a system
full scale greater than the reference voltage) where the analog
input range has been increased after the system gain calibration
is completed. A system full-scale voltage less than the reference
voltage may also be accounted for by a system gain calibration.
SYSTEM GAIN
CALIBRATION
VREF – 1LSB
AGND
MAX SYSTEM FULL SCALE
IS
1.875% FROM VREF
ANALOG
INPUT
RANGE
VREF – 1LSB
ANALOG
INPUT
RANGE
AGND
SYS FS
SYS FS
MAX SYSTEM FULL SCALE
IS
1.875% FROM VREF
Figure 27. System Gain Calibration
Finally, in Figure 28 both the system offset and gain are ac-
counted for by the system offset followed by a system gain cali-
bration. First, the analog input range is shifted upward by the
positive system offset and then the analog input range is ad-
justed at the top end to account for the system full scale.
SYSTEM OFFSET
CALIBRATION
FOLLOWED BY
SYSTEM GAIN
CALIBRATION
SYS OFFSET
VREF – 1LSB
AGND
MAX SYSTEM OFFSET
IS
5% OF VREF
MAX SYSTEM FULL SCALE
IS
1.875% FROM VREF
ANALOG
INPUT
RANGE
VREF – 1LSB
ANALOG
INPUT
RANGE
SYS OFFSET
AGND
MAX SYSTEM OFFSET
IS
5% OF VREF
VREF + SYS OFFSET
SYS FS
MAX SYSTEM FULL SCALE
IS
1.875% FROM VREF
SYS FS
Figure 28. System (Gain + Offset) Calibration
System Gain and Offset Interaction
The inherent architecture of the AD7856 leads to an interaction
between the system offset and gain errors when a system calibra-
tion is performed. Therefore, it is recommended to perform the
cycle of a system offset calibration followed by a system gain
calibration twice. Separate system offset and system gain cali-
brations reduce the offset and gain errors to at least the 14-bit
level. By performing a system offset
CAL first and a system gain
calibration second, priority is given to reducing the gain error to
zero before reducing the offset error to zero. If the system errors
are small, a system offset calibration would be performed, fol-
lowed by a system gain calibration. If the systems errors are
large (close to the specified limits of the calibration range), this
cycle would be repeated twice to ensure that the offset and gain
errors were reduced to at least the 14-bit level. The advantage of
doing separate system offset and system gain calibrations is that
the user has more control over when the analog inputs need to
be at the required levels, and the
CONVST signal does not have
to be used.
Alternatively, a system (gain + offset) calibration can be
performed. It is recommended to perform three system (gain +
offset) calibrations to reduce the offset and gain errors to the 14-
bit level. For the system (gain + offset) calibration priority is
given to reducing the offset error to zero before reducing the
gain error to zero. Thus if the system errors are small then two
system (gain + offset) calibrations will be sufficient. If the sys-
tem errors are large (close to the specified limits of the calibra-
tion range) three system (gain + offset) calibrations may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com