Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7887ARM Datasheet(PDF) 2 Page - Analog Devices

Part # AD7887ARM
Description  Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARM Datasheet(HTML) 2 Page - Analog Devices

  AD7887ARM Datasheet HTML 1Page - Analog Devices AD7887ARM Datasheet HTML 2Page - Analog Devices AD7887ARM Datasheet HTML 3Page - Analog Devices AD7887ARM Datasheet HTML 4Page - Analog Devices AD7887ARM Datasheet HTML 5Page - Analog Devices AD7887ARM Datasheet HTML 6Page - Analog Devices AD7887ARM Datasheet HTML 7Page - Analog Devices AD7887ARM Datasheet HTML 8Page - Analog Devices AD7887ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AD7887* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD7887 Evaluation Board
DOCUMENTATION
Data Sheet
• AD7887: 2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS,
12-Bit ADC in 8-Lead MSOP Data Sheet
User Guides
• UG-674: Evaluating the AD7887 12-Bit, Analog-to-Digital
Converter
SOFTWARE AND SYSTEMS REQUIREMENTS
• AD7887 - Microcontroller No-OS Driver
• AD7887 IIO ADC Linux Driver
• AD7887 Evaluation Software
• BeMicro FPGA Project for CN0150 with Nios driver
• CN-0189 FMC-SDP Interposer & Evaluation Board / Xilinx
KC705 Reference Design
• CN0150 FMC-SDP Interposer & Evaluation Board / Xilinx
KC705 Reference Design
REFERENCE DESIGNS
• CN0150
• CN0189
REFERENCE MATERIALS
Technical Articles
• MS-2210: Designing Power Supplies for High Speed ADC
DESIGN RESOURCES
• AD7887 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD7887 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com