Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9241AS Datasheet(PDF) 18 Page - Analog Devices

Part # AD9241AS
Description  Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9241AS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9241AS Datasheet HTML 14Page - Analog Devices AD9241AS Datasheet HTML 15Page - Analog Devices AD9241AS Datasheet HTML 16Page - Analog Devices AD9241AS Datasheet HTML 17Page - Analog Devices AD9241AS Datasheet HTML 18Page - Analog Devices AD9241AS Datasheet HTML 19Page - Analog Devices AD9241AS Datasheet HTML 20Page - Analog Devices AD9241AS Datasheet HTML 21Page - Analog Devices AD9241AS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD9241
REV. 0
–17–
deliberately left small to minimize the reference noise contribu-
tion. As a result, it is not possible to change the reference volt-
age rapidly in this mode without removing the CAPT/CAPB
Decoupling Network and driving these pins directly.
Variable Input Span with VCM = 2.5 V
Figure 39 shows an example of the AD9241 configured for an
input span of 2
× VREF centered at 2.5 V. An external 2.5 V
reference drives the VINB pin thus setting the common-mode
voltage at 2.5 V. The input span can be independently set by a
voltage divider consisting of R1 and R2, which generates the
VREF signal. A1 buffers this resistor network and drives VREF.
Choose this op amp based on accuracy requirements. It is
essential that a minimum of a 10
µF capacitor in parallel with a
0.1
µF low inductance ceramic capacitor decouple the reference
output to ground.
2.5V+VREF
2.5V–VREF
2.5V
+5V
0.1µF
22µF
VINA
VINB
VREF
SENSE
AD9241
+5V
R2
0.1µF
A1
R1
0.1µF
2.5V
REF
Figure 39. External Reference, VCM = 2.5 V (2.5 V on VINB,
Resistor Divider to Make VREF)
Single-Ended Input with 0 to 2
VREF Range
Figure 40 shows an example of an external reference driving
both VINB and VREF. In this case, both the common mode
voltage and input span are directly dependent on the value of
VREF. More specifically, the common-mode voltage is equal to
VREF while the input span is equal to 2
× VREF. Thus, the
valid input range extends from 0 to 2
× VREF. For example, if
the REF191, a 2.048 external reference, was selected, the valid
input range extends from 0 V to 4.096 V. In this case, 1 LSB of
the AD9241 corresponds to 0.250 mV. It is essential that a
minimum of a 10
µF capacitor in parallel with a 0.1 µF low induc-
tance ceramic capacitor decouple the reference output to ground.
2xREF
0V
+5V
10µF
VINA
VINB
VREF
SENSE
AD9241
+5V
0.1µF
VREF
0.1µF
0.1µF
Figure 40. Input Range = 0 V to 2
× VREF
Low Cost/Power Reference
The external reference circuit shown in Figure 41 uses a low
cost 1.225 V external reference (e.g., AD580 or AD1580) along
with an op amp and transistor. The 2N2222 transistor acts in
conjunction with 1/2 of an OP282 to provide a very low imped-
ance drive for VINB. The selected op amp need not be a high
speed op amp and may be selected based on cost, power and
accuracy.
3.75V
1.25V
+5V
10µF
VINA
VINB
VREF
SENSE
AD9241
+5V
0.1µF
316
Ω
1k
Ω
0.1µF
1/2
OP282
10µF
0.1µF
7.5k
Ω
AD1580
1k
Ω
1k
Ω
820
Ω
+5V
2N2222
1.225V
Figure 41. External Reference Using the AD1580 and Low
Impedance Buffer
DIGITAL INPUTS AND OUTPUTS
Digital Outputs
The AD9241 output data is presented in positive true straight
binary for all input ranges. Table IV indicates the output data
formats for various input ranges, regardless of the selected input
range. A twos-complement output data format can be created
by inverting the MSB.
Table IV. Output Data Format
Input (V)
Condition (V)
Digital Output
OTR
VINA –VINB
< – VREF
00 0000 0000 0000 1
VINA –VINB
= – VREF
00 0000 0000 0000 0
VINA –VINB
= 0
10 0000 0000 0000 0
VINA –VINB
= + VREF – 1 LSB 11 1111 1111 1111 0
VINA –VINB
≥ + VREF
11 1111 1111 1111 1
111111 1111 1111
111111 1111 1111
111111 1111 1110
OTR
–FS
+FS
–FS+1/2 LSB
+FS –1/2 LSB
–FS –1/2 LSB
+FS –1 1/2 LSB
000000 0000 0001
000000 0000 0000
000000 0000 0000
1
0
0
0
0
1
OTR DATA OUTPUTS
Figure 42. Output Data Format
Out Of Range (OTR)
An out-of-range condition exists when the analog input voltage
is beyond the input range of the converter. OTR is a digital
output that is updated along with the data output corresponding
to the particular sampled analog input voltage. Hence, OTR has
the same pipeline delay (latency) as the digital data. It is LOW
when the analog input voltage is within the analog input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com