Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9260
Description  High Speed Oversampling CMOS ADC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9260 Datasheet HTML 17Page - Analog Devices AD9260 Datasheet HTML 18Page - Analog Devices AD9260 Datasheet HTML 19Page - Analog Devices AD9260 Datasheet HTML 20Page - Analog Devices AD9260 Datasheet HTML 21Page - Analog Devices AD9260 Datasheet HTML 22Page - Analog Devices AD9260 Datasheet HTML 23Page - Analog Devices AD9260 Datasheet HTML 24Page - Analog Devices AD9260 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
AD9260
Rev. C | Page 20 of 44
TYPICAL AC CHARACTERIZATION CURVES
AVDD = DVDD = DRVDD = +5 V, 4 V Input Span, AIN = –0.5 dBFS, Differential DC Coupled Input with CML = 2 V.
50
55
60
65
70
75
80
85
90
95
100
CLOCK FREQUENCY (MHz)
5
010
15
20
QUARTER BIAS
HALF BIAS
FULL BIAS
Figure 47. SFDR vs. Clock Rate (fIN = 100 kHz in 8x Mode)
FULL BIAS
CLOCK FREQUENCY (MHz)
10
15
25
100
5
80
60
40
20
0
20
QUARTER BIAS
HALF BIAS
Figure 48. SFDR vs. Clock Rate (fIN = 500 kHz in 4x Mode)
FULL BIAS
CLOCK FREQUENCY (MHz)
10
15
25
100
5
80
60
40
20
0
20
QUARTER BIAS
HALF BIAS
Figure 49. SFDR vs. Clock Rate (fIN = 1.0 MHz in 2x Mode)
–100
–95
–90
–85
–80
–75
–70
–65
–60
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
COMMON MODE INPUT LEVEL (V)
FIN = 100kHz, 8 × MODE
FIN = 1MHz, 2 × MODE
Figure 50. THD vs. Common-Mode Input Level (CML)
–90
–80
–70
–60
–50
–40
1k
10k
100k
1M
10M
100M
INPUT FREQUENCY (Hz)
FS = 5MHz
FS = 10MHz
FS = 20MHz
Figure 51. CMR vs. Input Frequency (VCML = 2 V p-p, 1x Mode)
75
80
85
90
95
100
0.8
0.6
0.2
0.4
01.0
1.2
1.
FREQUENCY (MHz)
4
1.6
4V SPAN SNR-8
× MODE
1.6V SPAN SNR-8
× MODE
4V SPAN SFDR-2
× MODE
1.6V SPAN SFDR-2
× MODE
Figure 52. 4 V vs. 1.6 V Span SNR/SFDR (fCLOCK = 20 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com