Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7887ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7887ARMZ
Description  Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD7887ARMZ Datasheet HTML 1Page - Analog Devices AD7887ARMZ Datasheet HTML 2Page - Analog Devices AD7887ARMZ Datasheet HTML 3Page - Analog Devices AD7887ARMZ Datasheet HTML 4Page - Analog Devices AD7887ARMZ Datasheet HTML 5Page - Analog Devices AD7887ARMZ Datasheet HTML 6Page - Analog Devices AD7887ARMZ Datasheet HTML 7Page - Analog Devices AD7887ARMZ Datasheet HTML 8Page - Analog Devices AD7887ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD7887
Data Sheet
Parameter
AVersion1
BVersion1
Unit
Test Conditions/Comments
CONVERSION RATE
Throughput Time
16
16
SCLK cycles
Conversion time plus acquisition time is 125 kSPS,
with 2 MHz Clock
Track/Hold Acquisition Time2
1.5
1.5
SCLK cycles
Conversion Time
14.5
14.5
SCLK cycles
7.25 μs (2 MHz Clock)
POWER REQUIREMENTS
VDD
+2.7/+5.25
+2.7/+5.25
V min/max
IDD
Normal Mode5 (Mode 2)
Static
700
700
μA max
Operational (fSAMPLE = 125 kSPS)
850
850
μA typ
Internal reference enabled
700
700
μA typ
Internal reference disabled
Using Standby Mode (Mode 4)
450
450
μA typ
fSAMPLE = 50 kSPS
Using Shutdown Mode (Modes 1, 3)
120
120
μA typ
fSAMPLE = 10 kSPS
12
12
μA typ
fSAMPLE = 1 kSPS
Standby Mode6
210
210
μA max
VDD = 2.7 V to 5.25 V
Shutdown Mode6
1
1
μA max
VDD = 2.7 V to 3.6 V
2
2
μA max
VDD = 4.75 V to 5.25 V
Normal Mode Power Dissipation
3.5
3.5
mW max
VDD = 5 V
2.1
2.1
mW max
VDD = 3 V
Shutdown Power Dissipation
5
5
μW max
VDD = 5 V
3
3
μW max
VDD = 3 V
Standby Power Dissipation
1.05
1.05
mW max
VDD = 5 V
630
630
μW max
VDD = 3 V
1
Temperature range for A and B versions is −40°C to +125°C.
2
See the Terminology section.
3
SNR calculation includes distortion and noise components.
4
Sample tested at +25°C to ensure compliance.
5
All digital inputs at GND except CS at VDD. No load on the digital outputs. Analog inputs at GND.
6
SCLK at GND when SCLK off. All digital inputs at GND except for CS at VDD. No load on the digital outputs. Analog inputs at GND.
Rev. E | Page 4 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com