Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP Datasheet(PDF) 2 Page - Meder Electronic

Part # DIP
Description  Molded DIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIP Datasheet(HTML) 2 Page - Meder Electronic

  DIP Datasheet HTML 1Page - Meder Electronic DIP Datasheet HTML 2Page - Meder Electronic DIP Datasheet HTML 3Page - Meder Electronic DIP Datasheet HTML 4Page - Meder Electronic DIP Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
268
DIP Series
MEDER electronic
Molded DIP
Reed Relays
PIN OUT
Part Number Example
DIP12 - 1A72 - 13L
12 is the nominal voltage
1A is the contact form
72 is the switch model
13 is the pin out
L is the option
ORDER INFORMATION
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
Y
A
L
E
R
S
E
I
R
E
S
L
A
N
I
M
O
N
E
G
A
T
L
O
V
T
C
A
T
N
O
C
M
R
O
F
H
C
T
I
W
S
L
E
D
O
M
T
U
O
N
I
P
N
O
I
T
P
O
H
T
I
W
N
O
I
S
R
E
V
)
(
D
L
E
I
H
S
C
I
T
E
N
G
A
M
P
I
D
-
X
X
X
X
-
X
X
X
X
X
S
N
O
I
T
P
O
,
5
1
,
2
1
,
5
0
4
2
A
1
5
7
,
2
7
*
3
1
,
1
1
E
,
)
Q
(
D
,
)
M
(
L
)
S
(
F
,
)
R
(
B
1
9
1
A
21
2
2
1
,
5
0
C
1
0
9
1
5
.l
i
o
c
o
t
t
c
a
t
n
o
c
e
g
a
tl
o
v
n
w
o
d
k
a
e
r
b
)
S
M
R
V
k
0
.
3
(
C
D
V
k
5
2
.
4
s
t
c
e
l
e
S
*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com