Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVM7B2AFT Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC58FVM7B2AFT
Description  128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM7B2AFT Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC58FVM7B2AFT Datasheet HTML 9Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 10Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 11Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 12Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 13Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 14Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 15Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 16Page - Toshiba Semiconductor TC58FVM7B2AFT Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
TC58FVM7(T/B)2AFT(65/80)
2002-10-24 13/68
BLOCK PROTECTION
Block Protection is a function for disabling writing and erasing specific blocks. Block protection can be carried
out in two ways: by supplying a high voltage (VID) to the device (see Block protection 1) or by supplying a high
voltage and a command sequence (see Block protection 2).
(1) Block protection 1
Specify a device block address and make the following signal settings A9
= OE = VID, A1 = VIH and CE
= A0 = A6 = VIL. Now when a pulse is input to WE for tPPLH, the device will start to write to the block
protection circuit. Block protection can be verified using the Verify Block Protect command. Inputting VIL
on OE sets the device to Verify Mode. 01H is output if the block is protected and 00H is output if the block
is unprotected. If block protection was unsuccessful, the operation must be repeated. Releasing VID from A9
and OE terminates this mode.
(2) Block protection 2
Applying VID to RESET and inputting the Block Protect 2 command also performs block protection. The
first cycle of the command sequence is the Set-up command. In the second cycle, the Block Protect command
is input, in which a block address and A1
= VIH and A0 = A6 = VIL are input. Now the device writes to the
block protection circuit. There is a wait of tPPLH until this write is completed; however, no intervention is
necessary during this time. In the third cycle the Verify Block Protect command is input. This command
verifies the write to the block protection circuit. Read is performed in the fourth cycle. If the protection
operation is complete, 01H is output. If a value other than 01H is output, block protection is not complete
and the Block Protect command must be input again. Removing the VID input from RESET exits this
mode.
Temporary Block Unprotection
The TC58FVM7T2A/B2A has a temporary block unprotection feature which disables block protection for all
protected blocks. Unprotection is enabled by applying VID to the RESET pin. Now Write and Erase operations
can be performed on all blocks except the boot blocks which have been protected by the Boot Block Protect
operation. The device returns to its previous state when VID is removed from the RESET pin. That is,
previously protected blocks will be protected again.
Verify Block Protect
The Verify Block Protect command is used to ascertain whether a block is protected or unprotected.
Verification is performed either by inputting the Verify Block Protect command or by applying VID to the A9 pin,
as for ID Read Mode, and setting the block address
= A0 = A6 = VIL and A1 = VIH. If the block is protected, 01H
is output. If the block is unprotected, 00H is output.
Boot Block Protection
Boot block protection temporarily protects certain boot blocks using a method different from ordinary block
protection. Neither VID nor a command sequence is required. Protection is performed simply by inputting VIL
on
/ACC
WP
. The target blocks are the two pairs of boot blocks. The top boot blocks are BA261 and BA262; the
bottom boot blocks are BA0 and BA1. Inputting VIH on
/ACC
WP
releases the mode. From now on, if it is
necessary to protect these blocks, the ordinary Block Protection Mode must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com