Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14607 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14607
Description  HighBay Lens array
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14607 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14607 Datasheet HTML 1Page - Ledil, Inc. C14607 Datasheet HTML 2Page - Ledil, Inc. C14607 Datasheet HTML 3Page - Ledil, Inc. C14607 Datasheet HTML 4Page - Ledil, Inc. C14607 Datasheet HTML 5Page - Ledil, Inc. C14607 Datasheet HTML 6Page - Ledil, Inc. C14607 Datasheet HTML 7Page - Ledil, Inc. C14607 Datasheet HTML 8Page - Ledil, Inc. C14607 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
PRODUCT DATASHEET
HighBay series
last update 3/1/2017
DETAILS
Product Number
C14607_HB-2X2-M
Family
HighBay
Type
Lens array
Color
clear
Diameter
50x50 mm
Height
8,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
3/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
36 deg
Medium
94 %
1.800
-
XM-L
32 deg
Medium
93 %
2.040
-
XP-L
31 deg
Medium
94 %
2.213
-
XM-L2
32 deg
Medium
92 %
2.112
-
XP-G3
sim: 28
Medium
sim: 92 % sim: 3.000 -
XP-G2
25 deg
Medium
-
3.100
-
XP-L2
31 deg
Medium
93 %
2.100
-
XD16
19 deg
Medium
90 %
4.600
-
XD16 2x2 cluster
33 deg
Medium
94 %
2.000
-
LUXEON MZ
30 deg
Medium
91 %
2.400
-
LUXEON 5050
34 deg
Medium
94 %
1.950
-
LUXEON 3030 2D
sim: 21
Medium
sim: 91 % sim: 4.700 -
LUXEON 3535 2D
sim: 22
Medium
sim: 92 % sim: 4.500 -
LUXEON V
29 deg
Medium
94 %
2.400
-
NWSx229A
33 deg
Medium
87 %
2.200
-
NVSW3x9A
28 deg
Medium
94 %
2.800
-
NVSW219D
29 deg
Medium
94 %
2.500
-
Duris S8
sim: 33
Medium
sim: 88 % sim: 2.000 -
Oslon Square Gen3
23 deg
Medium
91 %
3.750
-
OSCONIQ P 3737 (3W version)
sim: 29
Medium
sim: 93 % sim: 2.840 -
PrevaLED Brick DC 2x8
23 deg
Medium
91 %
3.750
-
Fortimo FastFlex LED board 2x8 DA G4 25 deg
Medium
92 %
3.000
-
Fortimo FastFlex LED board 2x8 DAX G4sim: 28
Medium
sim: 92 % sim: 3.000 -
LH351B
28 deg
Medium
85 %
2.720
-
LH351D
35 deg
Medium
91 %
1.900
-
January 25th 2018 8:16 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14607

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14607 CREE-C14607 Datasheet
2Mb / 49P
HighBay series
More results

Similar Description - C14607

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12361 LEDIL-C12361 Datasheet
7Mb / 123P
HighBay Lens array
C13232 LEDIL-C13232 Datasheet
3Mb / 52P
HighBay Lens array
C13233 LEDIL-C13233 Datasheet
3Mb / 58P
HighBay Lens array
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C13605 LEDIL-C13605 Datasheet
3Mb / 47P
HighBay Lens array
C14541 LEDIL-C14541 Datasheet
3Mb / 53P
HighBay Lens array
C14605 LEDIL-C14605 Datasheet
2Mb / 46P
HighBay Lens array
C14606 LEDIL-C14606 Datasheet
3Mb / 66P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com