Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA12062 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12062
Description  Emily Assembly
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12062 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12062 Datasheet HTML 1Page - Ledil, Inc. CA12062 Datasheet HTML 2Page - Ledil, Inc. CA12062 Datasheet HTML 3Page - Ledil, Inc. CA12062 Datasheet HTML 4Page - Ledil, Inc. CA12062 Datasheet HTML 5Page - Ledil, Inc. CA12062 Datasheet HTML 6Page - Ledil, Inc. CA12062 Datasheet HTML 7Page - Ledil, Inc. CA12062 Datasheet HTML 8Page - Ledil, Inc. CA12062 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
PRODUCT DATASHEET
Emily series
last update 13/6/2016
DETAILS
Product Number
CA12062_EMILY-D
Family
Emily
Type
Assembly
Color
clear
Diameter
26 mm
Height
14,74 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
13/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
14 deg
Diffuser
90 %
10.100
-
XM-L HVW
sim: 14
Diffuser
88 %
9.400
-
XT-E
9 deg
Diffuser
-
14.000
-
XM-L2
14 deg
Diffuser
90 %
10.200
-
XP-G2
10 deg
Diffuser
90 %
20.800
-
XP-E2
8 deg
Diffuser
87 %
27.300
-
XP-L
13 deg
Diffuser
90 %
10.200
-
XB-H
10 deg
Diffuser
89 %
17.500
-
XP-L HI
9 deg
Diffuser
87 %
20.000
-
XHP35 HI
11 deg
Diffuser
92 %
14.500
-
XD16
8 deg
Diffuser
92 %
18.400
-
LUXEON Rebel ES
10 deg
Diffuser
91 %
sim: 26.600 -
LUXEON A
11 deg
Diffuser
91 %
-
-
NS9x383
14 deg
Diffuser
90 %
7.900
-
Oslon Square EC
9 deg
Diffuser
86 %
20.060
-
Oslon Square Gen3
sim: 9,9
Diffuser
sim: 94 % sim: 22.500 -
LH351B
12 deg
Diffuser
88 %
14.000
-
LH351Z
10 deg
Diffuser
88 %
20.000
-
Z5M1/Z5M2
10 deg
Diffuser
94 %
18.200
-
Z8Y22P
11 deg
Diffuser
93 %
11.300
-
January 25th 2018 8:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12062

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12062 CREE-CA12062 Datasheet
2Mb / 35P
Emily series
More results

Similar Description - CA12062

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11388 CREE-CA11388 Datasheet
494Kb / 8P
Emily series
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
Emily series
CA12064 CREE-CA12064 Datasheet
1Mb / 22P
Emily series
CA12068 CREE-CA12068 Datasheet
514Kb / 7P
Emily series
CA11387 CREE-CA11387 Datasheet
408Kb / 5P
Emily series
logo
Ledil, Inc.
CA11388 LEDIL-CA11388 Datasheet
637Kb / 10P
Emily Assembly
CA11389 LEDIL-CA11389 Datasheet
809Kb / 11P
Emily Assembly
CA11391 LEDIL-CA11391 Datasheet
646Kb / 9P
Emily Assembly
CA13546 LEDIL-CA13546 Datasheet
1Mb / 19P
Emily Assembly
CA15359 LEDIL-CA15359 Datasheet
371Kb / 5P
Emily Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com