Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS12862 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS12862
Description  Strada Assembly
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS12862 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS12862 Datasheet HTML 1Page - Ledil, Inc. CS12862 Datasheet HTML 2Page - Ledil, Inc. CS12862 Datasheet HTML 3Page - Ledil, Inc. CS12862 Datasheet HTML 4Page - Ledil, Inc. CS12862 Datasheet HTML 5Page - Ledil, Inc. CS12862 Datasheet HTML 6Page - Ledil, Inc. CS12862 Datasheet HTML 7Page - Ledil, Inc. CS12862 Datasheet HTML 8Page - Ledil, Inc. CS12862 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
PRODUCT DATASHEET
Strada series
last update 19/12/2017
DETAILS
Product Number
CS12862_STRADA-IP-2X6-DWC
Family
Strada
Type
Assembly
Color
clear
Diameter
173x71,4 mm
Height
7,92 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
19/12/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XT-E
Asymmetric degAsymmetric 94 %
0.540
-
XP-G
Asymmetric degAsymmetric 96 %
0.540
-
XP-G2
Asymmetric degAsymmetric 94 %
0.600
-
XB-D
sim: AsymmetricAsymmetric -
-
-
XP-G3
Asymmetric degAsymmetric 94 %
0.520
-
H35C1 (LEMWA33)
Asymmetric degAsymmetric 94 %
0.500
-
LUXEON R
Asymmetric degAsymmetric 96 %
0.580
-
LUXEON Rebel ES
Asymmetric degAsymmetric 96 %
0.560
-
LUXEON T
Asymmetric degAsymmetric 95 %
0.580
-
LUXEON H50-2
sim: AsymmetricAsymmetric sim: 90 % -
-
LUXEON TX
sim: AsymmetricAsymmetric sim: 89 % sim: 0.500 -
LUXEON 5050
sim: AsymmetricAsymmetric sim: 90 % sim: 0.400 -
LUXEON V
Asymmetric degAsymmetric 92 %
0.480
-
NVSxx19B/NVSxx19C
Asymmetric degAsymmetric 94 %
0.570
-
NVSW3x9A
sim: AsymmetricAsymmetric sim: 87 % sim: 0.440 -
Oslon Square PC
Asymmetric degAsymmetric 96 %
0.570
-
Duris S8
sim: AsymmetricAsymmetric sim: 91 % sim: 0.470 -
OSCONIQ P 3737 (2W version)
sim: AsymmetricAsymmetric sim: 90 % sim: 0.540 -
OSCONIQ P 3737 (3W version)
sim: AsymmetricAsymmetric sim: 94 % sim: 0.440 -
Oslon Square Gen3
sim: AsymmetricAsymmetric sim: 93 % sim: 0.530 -
LH351Z
Asymmetric degAsymmetric 94 %
0.570
-
LH351D
sim: AsymmetricAsymmetric sim: 92 % sim: 0.400 -
LH351B
sim: AsymmetricAsymmetric sim: 93 % sim: 0.502 -
Z5M
sim: AsymmetricAsymmetric sim: 89 % sim: 0.490 -
Z5M1/Z5M2
sim: AsymmetricAsymmetric sim: 90 % sim: 0.640 -
January 25th 2018 8:17 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS12862

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS12862 LEDIL-CS12862 Datasheet
7Mb / 12P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance and luminance uniformity.
CS12862 LEDIL-CS12862_18 Datasheet
7Mb / 12P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance and luminance uniformity.
More results

Similar Description - CS12862

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15671 LEDIL-CS15671 Datasheet
1Mb / 23P
Strada Assembly
CA10916 LEDIL-CA10916 Datasheet
156Kb / 3P
Strada Assembly
CA11180 LEDIL-CA11180 Datasheet
294Kb / 5P
Strada Assembly
CA11348 LEDIL-CA11348 Datasheet
433Kb / 9P
Strada Assembly
CA12333 LEDIL-CA12333 Datasheet
663Kb / 11P
Strada Assembly
CA14032 LEDIL-CA14032 Datasheet
1Mb / 29P
Strada Assembly
CA15946 LEDIL-CA15946 Datasheet
967Kb / 13P
Strada Assembly
CA16470 LEDIL-CA16470 Datasheet
132Kb / 2P
Strada Assembly
CS14145 LEDIL-CS14145 Datasheet
2Mb / 39P
Strada Assembly
CS15362 LEDIL-CS15362 Datasheet
2Mb / 41P
Strada Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com