Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS14130 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS14130
Description  HighBay Assembly
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS14130 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS14130 Datasheet HTML 1Page - Ledil, Inc. CS14130 Datasheet HTML 2Page - Ledil, Inc. CS14130 Datasheet HTML 3Page - Ledil, Inc. CS14130 Datasheet HTML 4Page - Ledil, Inc. CS14130 Datasheet HTML 5Page - Ledil, Inc. CS14130 Datasheet HTML 6Page - Ledil, Inc. CS14130 Datasheet HTML 7Page - Ledil, Inc. CS14130 Datasheet HTML 8Page - Ledil, Inc. CS14130 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
PRODUCT DATASHEET
HighBay series
last update 29/5/2017
DETAILS
Product Number
CS14130_HB-IP-2X6-W
Family
HighBay
Type
Assembly
Color
white
Diameter
173 + 71,4 mm
Height
11,4 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
29/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XT-E
58 deg
Wide
94 %
0.870
-
XM-L
sim: 57
Wide
sim: 93 % -
-
XM-L2
61 deg
Wide
94 %
0.800
-
XP-G2
58 deg
Wide
93 %
0.870
-
XB-D
sim: 52
Wide
sim: 90 % -
-
XP-G
60 deg
Wide
94 %
0.840
-
XP-L
67 deg
Wide
94 %
0.750
-
XP-E2
sim: 56
Wide
sim: 94 % -
-
XHP35 HD
sim: 60
Wide
sim: 94 % sim: 0.930 -
XHP35 HI
sim: 57
Wide
sim: 94 % sim: 0.980 -
XP-G3
59 deg
Wide
94 %
0.840
-
MHB-A/B
sim: 60
Wide
sim: 91 % sim: 0.860 -
XP-L2
62 deg
Wide
94 %
0.770
-
H35C1 (LEMWA33)
sim: 59
Wide
sim: 94 % sim: 0.960 -
LUXEON Rebel
sim: 50
Wide
sim: 93 % -
-
LUXEON T
60 deg
Wide
94 %
0.860
-
LUXEON Rebel ES
57 deg
Wide
94 %
0.860
-
LUXEON R
58 deg
Wide
94 %
0.900
-
LUXEON Z ES
52 deg
Wide
94 %
1.000
-
LUXEON TX
54 deg
Wide
94 %
0.960
-
LUXEON XR-TX (L2T0-xxyy012M)
60 deg
Wide
94 %
0.900
-
LUXEON 5050
sim: 54
Wide
sim: 95 % sim: 1.100 -
LUXEON V
59 deg
Wide
93 %
0.900
-
NVSxx19B/NVSxx19C
58 deg
Wide
94 %
0.870
-
NF2x757A
sim: 50
Wide
sim: 93 % -
-
January 25th 2018 8:11 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS14130

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CS14130 CREE-CS14130 Datasheet
2Mb / 54P
HighBay series
More results

Similar Description - CS14130

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12345 CREE-C12345 Datasheet
1,016Kb / 17P
HighBay series
C13490 CREE-C13490 Datasheet
89Kb / 3P
HighBay series
CS14891 CREE-CS14891 Datasheet
1Mb / 33P
HighBay series
logo
Ledil, Inc.
CS14713 LEDIL-CS14713 Datasheet
1Mb / 26P
HighBay Assembly
CS14839 LEDIL-CS14839 Datasheet
1Mb / 30P
HighBay Assembly
CS14263 LEDIL-CS14263 Datasheet
3Mb / 60P
HighBay Assembly
CS14597 LEDIL-CS14597 Datasheet
5Mb / 74P
HighBay Assembly
CS14891 LEDIL-CS14891 Datasheet
2Mb / 47P
HighBay Assembly
CS14895 LEDIL-CS14895 Datasheet
2Mb / 47P
HighBay Assembly
logo
OSRAM GmbH
GWCSSRM3.PM OSRAM-GWCSSRM3.PM Datasheet
1Mb / 27P
Highbay Industrial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com