Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP025 Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part # ASP025
Description  pin header, solderable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

ASP025 Datasheet(HTML) 1 Page - METZ CONNECT GmbH

  ASP025 Datasheet HTML 1Page - METZ CONNECT GmbH ASP025 Datasheet HTML 2Page - METZ CONNECT GmbH ASP025 Datasheet HTML 3Page - METZ CONNECT GmbH ASP025 Datasheet HTML 4Page - METZ CONNECT GmbH ASP025 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Data Sheet
P/N
310411xx
xx=number of poles
2017/05/04
PT065xxVBEN
Illustration
see enlarged drawing at the end of the document
Product specification
• pin header, solderable
• centerline 5.00 mm, direction of connection vertical 0°
• open ends, guiding rips
• color black


Similar Part No. - ASP025

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
ASP025XX METZ-ASP025XX Datasheet
322Kb / 5P
fittable without loss of poles
More results

Similar Description - ASP025

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000907-14020 MA-COM-MADP-000907-14020 Datasheet
291Kb / 5P
Solderable AlGaAs Flip Chip PIN
MADP-000907-14020 MA-COM-MADP-000907-14020_15 Datasheet
685Kb / 6P
Solderable AlGaAs Flip Chip PIN
logo
Suntan Capacitors
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
Reflow Solderable
TSL-0805UG000MTH SUNTAN-TSL-0805UG000MTH Datasheet
390Kb / 3P
Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
Reflow Solderable
TSL-1206UYG00MTH SUNTAN-TSL-1206UYG00MTH Datasheet
447Kb / 3P
Reflow Solderable
logo
Seoul Semiconductor
SSC-SZB05A0A SEOUL-SSC-SZB05A0A Datasheet
806Kb / 21P
SMT solderable
logo
M/A-COM Technology Solu...
MADP-000907-14020X MA-COM-MADP-000907-14020X Datasheet
577Kb / 5P
Solderable AlGaAs Flip Chip PIN
logo
METZ CONNECT GmbH
310301XX METZ-310301XX Datasheet
324Kb / 5P
pin header, solderable
313301XX METZ-313301XX Datasheet
340Kb / 5P
pin header, solderable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com