Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

310421 Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part # 310421
Description  screw type terminal block, pluggable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

310421 Datasheet(HTML) 1 Page - METZ CONNECT GmbH

  310421 Datasheet HTML 1Page - METZ CONNECT GmbH 310421 Datasheet HTML 2Page - METZ CONNECT GmbH 310421 Datasheet HTML 3Page - METZ CONNECT GmbH 310421 Datasheet HTML 4Page - METZ CONNECT GmbH 310421 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Data Sheet
P/N
311071xx
xx=number of poles
2017/05/04
RP025xxHBWC
Illustration
see enlarged drawing at the end of the document
Product specification
• screw type terminal block, pluggable
• centerline 5.00 mm, direction of connection 90°
• wire protector, fittable without loss of poles
• color black
• Wire entry perpendicular to plug direction


Similar Part No. - 310421

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310421 METZ-310421 Datasheet
336Kb / 5P
screw type terminal block, pluggable
logo
TE Connectivity Ltd
310421-1 TEC-310421-1 Datasheet
268Kb / 5P
Pistol Grip Pneumatic Handle Assembly
logo
Schneider Electric
3104210901 SCHNEIDER-3104210901 Datasheet
63Kb / 2P
NEMA Type S Motor Starters
Feb 2, 2023
More results

Similar Description - 310421

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBQ-XX-D-C ADAM-TECH-EBQ-XX-D-C Datasheet
72Kb / 1P
TERMINAL BLOCK SOCKET PLUGGABLE VERTICAL
EBR-08-B-K02-K06 ADAM-TECH-EBR-08-B-K02-K06 Datasheet
96Kb / 1P
TERMINAL BLOCK SOCKET PLUGGABLE VERTICAL
logo
METZ CONNECT GmbH
310071XX METZ-310071XX Datasheet
336Kb / 5P
screw type terminal block, pluggable
310151XX METZ-310151XX Datasheet
258Kb / 5P
screw type terminal block, solderable
310611XX METZ-310611XX Datasheet
254Kb / 5P
screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
screw type terminal block, solderable
311571XX METZ-311571XX Datasheet
366Kb / 6P
screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
screw type terminal block, pluggable
logo
Mallory Sonalert Produc...
ACC02 MSPI-ACC02 Datasheet
32Kb / 1P
Pluggable Screw Terminal Block 180쨘 Wire Entry
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com