Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5002CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL5002CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5002CD Datasheet(HTML) 2 Page - Texas Instruments

  TL5002CD Datasheet HTML 1Page - Texas Instruments TL5002CD Datasheet HTML 2Page - Texas Instruments TL5002CD Datasheet HTML 3Page - Texas Instruments TL5002CD Datasheet HTML 4Page - Texas Instruments TL5002CD Datasheet HTML 5Page - Texas Instruments TL5002CD Datasheet HTML 6Page - Texas Instruments TL5002CD Datasheet HTML 7Page - Texas Instruments TL5002CD Datasheet HTML 8Page - Texas Instruments TL5002CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL5002
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS304A – SEPTEMBER 2000 – REVISED AUGUST 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
voltage reference
A 2.5-V regulator operating from VCC is used to power the internal circuitry of the TL5002.
error amplifier
The error amplifier compares a sample of the dc-to-dc converter output voltage to an external reference voltage
and generates an error signal for the PWM comparator. The dc-to-dc converter output voltage is set by selecting
the error-amplifier gain (see Figure 1), using the following expression:
VO = (1 + R1/R2) (1 V)
To PWM
Comparator
4
VI(FB)
3
+
–
R2
R1
COMP
INV
Compensation
Network
TL5002
GND
8
5
NI
Vref
Figure 1. Error-Amplifier Gain Setting
The error-amplifier output is brought out as COMP for use in compensating the dc-to-dc converter control loop
for stability. Because the amplifier can only source 45
µA, the total dc load resistance should be 100 kΩ or more.
oscillator/PWM
The oscillator frequency (fosc) can be set between 20 kHz and 500 kHz by connecting a resistor between RT
and GND. Acceptable resistor values range from 15 k
Ω to 250 kΩ. The oscillator frequency can be determined
by using the graph shown in Figure 5.
The oscillator output is a triangular wave with a minimum value of approximately 0.7 V and a maximum value
of approximately 1.3 V. The PWM comparator compares the error-amplifier output voltage and the DTC input
voltage to the triangular wave and turns the output transistor off whenever the triangular wave is greater than
the lesser of the two inputs.
dead-time control (DTC)
DTC provides a means of limiting the output-switch duty cycle to a value less than 100 %, which is critical for
boost and flyback converters. A current source generates a reference current (IDT) at DTC that is nominally
equal to the current at the oscillator timing terminal, RT. Connecting a resistor between DTC and GND generates
a dead-time reference voltage (VDT), which the PWM/DTC comparator compares to the oscillator triangle wave
as described in the previous section. Nominally, the maximum duty cycle is 0 % when VDT is 0.7 V or less and
100 % when VDT is 1.3 V or greater. Because the triangle wave amplitude is a function of frequency and the
source impedance of RT is relatively high (1250
Ω), choosing RDT for a specific maximum duty cycle, D, is
accomplished using the following equation and the voltage limits for the frequency in question as found in
Figure 11 (Voscmax and Voscmin are the maximum and minimum oscillator levels):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com