Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4331 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4331
Description  N Male Connector Clamp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4331 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4331 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4331 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4331 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4331 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 11 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4331 type N male connector with clamp/solder attachment for RG59, RG62 and RG71 is part of our full line
of RF components available for same-day shipping. Our type N male connector operates up to a maximum frequency of 11
GHz and offers good VSWR of 1.3:1.
Our type N male connector PE4331 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
VSWR
1.3:1
Operating Voltage (AC)
1,500
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
Inner Conductor DC Resistance
1
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
5,000
MOhms
RF Leakage
90
dB
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 10
GHz
Insertion Loss, Max
0.15
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Clamp/Solder Attachment for RG59, RG62, RG71 PE4331
PE4331 REV 1.1
N Male Connector Clamp/Solder Attachment
for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4331


Similar Part No. - PE4331

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4331 PASTERNACK-PE4331 Datasheet
312Kb / 2P
N Male Connector Clamp/Solder Attachment For RG59, RG62
More results

Similar Description - PE4331

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE4006 PASTERNACK-PE4006_14 Datasheet
416Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4062 PASTERNACK-PE4062_17 Datasheet
468Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4081 PASTERNACK-PE4081_16 Datasheet
370Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4129 PASTERNACK-PE4129 Datasheet
104Kb / 1P
N MALE SOLDER/CLAMP ATTACHMENT
PE4132 PASTERNACK-PE4132_17 Datasheet
415Kb / 3P
N Male Connector Clamp/Solder (Captive Contact) Attachment
PE4133 PASTERNACK-PE4133_16 Datasheet
366Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4221 PASTERNACK-PE4221_17 Datasheet
398Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4433 PASTERNACK-PE4433_16 Datasheet
317Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4434 PASTERNACK-PE4434_14 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com