Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4339 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4339
Description  SSMB Jack Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4339 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4339 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4339 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4339 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SSMB Jack Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Turret Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4339 SSMB jack bulkhead mount connector solder attachment turret terminal, .126 inch D hole is part of our
full line of RF components available for same-day shipping. This SSMB bulkhead connector allows designers to create external
connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SSMB jack bulkhead connector PE4339 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.51 in [12.95 mm]
Width/Dia.
0.156 in [3.96 mm]
.
Weight
0.002 lbs [0.91 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Gold
30 µin minimum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Jack Bulkhead Mount Connector Solder Attachment Turret Terminal, .126 inch D Hole,
Front Mount PE4339
PE4339 REV 1.1
SSMB Jack Bulkhead Mount Connector Solder Attachment
Turret Terminal, .126 inch D Hole, Front Mount
RF Connectors Technical Data Sheet
PE4339


Similar Part No. - PE4339

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4339 PASTERNACK-PE4339 Datasheet
221Kb / 3P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Front Mount
More results

Similar Description - PE4339

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4333 PASTERNACK-PE4333 Datasheet
300Kb / 2P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PE4338 PASTERNACK-PE4338 Datasheet
855Kb / 2P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PE4339 PASTERNACK-PE4339 Datasheet
221Kb / 3P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Front Mount
PE4277 PASTERNACK-PE4277_16 Datasheet
403Kb / 3P
SMB Jack Bulkhead Mount Connector Clamp/Solder Attachment
PE4337 PASTERNACK-PE4337_16 Datasheet
396Kb / 4P
SSMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4340 PASTERNACK-PE4340_16 Datasheet
313Kb / 3P
SSMB Jack Connector Solder Attachment
PE4341 PASTERNACK-PE4341_16 Datasheet
344Kb / 3P
SSMB Jack Right Angle Connector Solder Attachment
PE4362 PASTERNACK-PE4362_16 Datasheet
320Kb / 3P
SMB Jack Bulkhead Mount Connector Clamp/Solder Attachment
PE4364 PASTERNACK-PE4364_16 Datasheet
356Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp/ Solder Attachment
PE4499 PASTERNACK-PE4499_16 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com