Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4340 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4340
Description  SSMB Jack Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4340 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4340 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4340 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4340 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SSMB Jack Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Space Saving for PCB Applications
.
Description
Pasternack’s PE4340 SSMB jack connector with solder attachment for thru hole PCB (.100 inch x .031 inch hole spacing) is
part of our full line of RF components available for same-day shipping.
Our SSMB jack connector PE4340 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.42 in [10.67 mm]
Width/Dia.
0.155 in [3.94 mm]
Height
0.155 in [3.94 mm]
.
Weight
0.0023 lbs [1.04 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Gold
MIL-G-45204
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4340
PE4340 REV 1.1
SSMB Jack Connector Solder Attachment Thru Hole
PCB, .100 inch x .031 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4340


Similar Part No. - PE4340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4340 PASTERNACK-PE4340 Datasheet
238Kb / 2P
SSMB Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
526Kb / 11P
75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
529Kb / 11P
75 廓 RF Digital Attenuator
PE43404MLI PEREGRINE-PE43404MLI Datasheet
526Kb / 11P
75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
More results

Similar Description - PE4340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4338 PASTERNACK-PE4338 Datasheet
855Kb / 2P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PE4339 PASTERNACK-PE4339 Datasheet
221Kb / 3P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Front Mount
PE4337 PASTERNACK-PE4337 Datasheet
226Kb / 3P
SSMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .126 inch D Hole
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE4017 PASTERNACK-PE4017_16 Datasheet
357Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4019 PASTERNACK-PE4019_16 Datasheet
354Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4334 PASTERNACK-PE4334_16 Datasheet
317Kb / 3P
SSMB Plug Right Angle Connector Crimp/Solder Attachment
PE4337 PASTERNACK-PE4337_16 Datasheet
396Kb / 4P
SSMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4339 PASTERNACK-PE4339_16 Datasheet
316Kb / 3P
SSMB Jack Bulkhead Mount Connector Solder Attachment
PE4341 PASTERNACK-PE4341_16 Datasheet
344Kb / 3P
SSMB Jack Right Angle Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com