Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-PR70UR Datasheet(PDF) 1 Page - Inolux Corporation

Part # HT-PR70UR
Description  Super Flux Led Lamp with 3mm Dome
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-PR70UR Datasheet(HTML) 1 Page - Inolux Corporation

  HT-PR70UR Datasheet HTML 1Page - Inolux Corporation HT-PR70UR Datasheet HTML 2Page - Inolux Corporation HT-PR70UR Datasheet HTML 3Page - Inolux Corporation HT-PR70UR Datasheet HTML 4Page - Inolux Corporation HT-PR70UR Datasheet HTML 5Page - Inolux Corporation HT-PR70UR Datasheet HTML 6Page - Inolux Corporation HT-PR70UR Datasheet HTML 7Page - Inolux Corporation HT-PR70UR Datasheet HTML 8Page - Inolux Corporation HT-PR70UR Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT-PR70XXX Series
Super Flux
Through Hole Lamp
Official Product
HT-PR70XXX series
Customer Part No.
Data Sheet No.
****************
****************
HT-PR70XXX series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 27, 2013
Version of 1.0
Page
1/12
Inolux Super Flux Led Lamp with 3mm Dome
HT-PR70XXX Series


Similar Part No. - HT-PR70UR

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-PR120TW INOLUX-HT-PR120TW Datasheet
599Kb / 12P
Flat Super Flux LED Lamp
HT-PR120UA INOLUX-HT-PR120UA Datasheet
599Kb / 12P
Flat Super Flux LED Lamp
HT-PR120UB INOLUX-HT-PR120UB Datasheet
599Kb / 12P
Flat Super Flux LED Lamp
HT-PR120UB INOLUX-HT-PR120UB Datasheet
620Kb / 13P
Full-Color Super Flux LED Lamp
HT-PR120UBG INOLUX-HT-PR120UBG Datasheet
599Kb / 12P
Flat Super Flux LED Lamp
More results

Similar Description - HT-PR70UR

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7677C2SYC-J KINGBRIGHT-WP7677C2SYC-J Datasheet
251Kb / 5P
SUPER FLUX LED LAMP
WP7677C2ZGC KINGBRIGHT-WP7677C2ZGC Datasheet
255Kb / 5P
SUPER FLUX LED LAMP
WP7678C2QBC-D KINGBRIGHT-WP7678C2QBC-D Datasheet
256Kb / 5P
SUPER FLUX LED LAMP
WP7678C2VGC-Z KINGBRIGHT-WP7678C2VGC-Z Datasheet
255Kb / 5P
SUPER FLUX LED LAMP
WP7679C1QBC-D KINGBRIGHT-WP7679C1QBC-D Datasheet
256Kb / 5P
SUPER FLUX LED LAMP
WP7679C1SEC-J KINGBRIGHT-WP7679C1SEC-J Datasheet
233Kb / 5P
SUPER FLUX LED LAMP
WP7679C1VGC-Z KINGBRIGHT-WP7679C1VGC-Z Datasheet
229Kb / 5P
SUPER FLUX LED LAMP
logo
BetLux Electronics
BL-FL7670 BETLUX-BL-FL7670 Datasheet
305Kb / 4P
7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
REV NO: V.2
logo
Inolux Corporation
HT-PR50XXX INOLUX-HT-PR50XXX Datasheet
629Kb / 12P
Super Flux Led Lamp with 3mm Dome
HT-PR80XXX INOLUX-HT-PR80XXX Datasheet
601Kb / 12P
Super Flux Led Lamp with 5mm Dome
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com