Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP321-2 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP321-2
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP321-2 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP321-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 8Page - Toshiba Semiconductor TLP321-2 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP321,TLP321-2,TLP321-4
2002-09-25
2
Current Transfer Ratio
Current Transfer Ratio (%)
(IC / IF)
IF = 5mA, VCE = 5V, Ta = 25°C
Type
Classification
*1
Min.
Max.
Marking Of Classification
(None)
50
600
BLANK, Y, Y
■, G, G■, B, B■, GB
Rank Y
50
150
Y, Y
■
Rank GR
100
300
G, G
■
Rank BL
200
600
B, B
■
TLP321
Rank GB
100
600
G, G
■, B, B■, GB
(None)
50
600
BLANK, GR, BL, GB
TLP321
-2
TLP321
-4
Rank GB
100
600
GR, BL, GB
*1: Ex. Rank GB: TLP321 (GB)
(Note)
Application type name for certification test, please use standard product type name, i. e.
TLP321 (GB): TLP321
TLP321
-2 (GB): TLP321-2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com